Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB3 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 83Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 134 page
background image
GENERAL RELEASE SPECIFICATION
November 5, 1998
MOTOROLA
UNIVERSAL SERIAL BUS MODULE
MC68HC05JB3
10-14
REV 1
measured with the same capacitive load used for maximum rise and fall times and
is measured at the crossover points of the data lines as shown in Figure 10-14.
Figure 10-14. Data Jitter
For low speed transmissions, the jitter time for any consecutive differential data
transitions must be within
±25 ns and within ±10 ns for any set of paired
differential data transitions. These jitter numbers include timing variations due to
differential buffer delay, rise/fall time mismatches, internal clock source jitter, and
to noise and other random effects.
10.4.3.3 Data Signal Rise and Fall Time
The output rise time and fall time are measured between 10% and 90% of the
signal. Edge transition time for the rising and falling edges of low speed signals is
75 ns (minimum) into a capacitive load (CL) of 50 pF and 300 ns (maximum) into a
capacitive load of 350 pF. The rising and falling edges should be smooth
transitional (monotonic) when driving the cable to avoid excessive EMI.
Figure 10-15. Data Signal Rise and Fall Time
10.4.4 USB Control Logic
The USB control logic manages data movement between the CPU and the
transceiver. The control logic handles both transmit and receive operations on the
USB. It contains the logic used to manipulate the transceiver and the endpoint
registers. The logic contains byte count buffers for transmit operations that load
the active transmit endpoints byte count and use this to determine the number of
bytes to transfer. This same buffer is used for receive transactions to count the
number of bytes received and, upon the end of the transaction, transfer that
number to the receive endpoints byte count register.
CONSECUTIVE
TRANSITIONS
tPeriod
DIFFERENTIAL
DATA LINES
CROSSOVER
POINTS
PAIRED
TRANSITIONS
tR
DIFFERENTIAL
DATA LINES
tF
RISE TIME
FALL TIME
10%
90%
90%
10%
LOW SPEED: 75 ns at CL = 50 pF, 300 ns at CL = 350 pF
CL
CL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com