Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB3 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 134 page
background image
GENERAL RELEASE SPECIFICATION
November 5, 1998
MOTOROLA
16-BIT TIMER
MC68HC05JB3
9-6
REV 1
TCMPE — Timer Input Capture Comparator Enable
1 =
Timer input capture comparator is selected.
0 =
Timer input capture comparator schmitt trigger is selected.
NOTE
When the comparator and VDD/2 reference are enabled, PB0 pin will automatically
becomes an input pin, irrespective of DDR setting. However, it is recommended to
set PB0 as an input first (via DDR), before enabling the comparator. A read of PB0
will reflect the TCAP pin status, not the PB0 register bit.
The comparator uses the VDD/2 reference as the compare voltage, resulting in a
typical output as shown in Figure 9-8.
Switching off the VDD/2 voltage reference by clearing TCMPE=0 will further save
power when the MCU is in a low power mode.
Figure 9-7. TCAP Input Signal Conditioning
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
OIER
R
TCMPE
VREF2
VREF1
VREF0
OIE3
OIE2
OIE1
OIE0
$000E
W
reset:
00000000
+
–
MUX
PB0/
TCAP
Voltage
Reference
VREF
EN
PB0 I/O
PORT LOGIC
TCMPE bit
VDD ÷ 2
Schmitt Trigger
Comparator
To edge select and
detect logic
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com