Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB3 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 95Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 96Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 97Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 98Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 1
10-27
•
End of Transaction interrupts signify a completed transaction (receive or
transmit)
•
Resume interrupts signify that the USB bus is reactivated after having
been suspended
•
End of Packet interrupts signify that a low speed end of packet signal
was detected
All USB interrupts share the same interrupt vector. Firmware is responsible for
determining which interrupt is active.
10.6.1 USB End of Transaction Interrupt
There are three possible end of transaction interrupts: Endpoint 0 Receive,
Endpoint 0 Transmit, and a shared Endpoint 1 or Endpoint 2 Transmit. End of
transaction interrupts occur as detailed in the following sections.
10.6.1.1 Receive Control Endpoint 0
For a Control OUT transaction directed at Endpoint 0, the USB module will
generate an interrupt by setting the RXD0F flag in the UIR0 register. The
conditions necessary for the interrupt to occur are shown in the flowchart of
Figure 10-29.
SETUP transactions cannot be stalled by the USB function. A SETUP received by
a control endpoint will clear the STALL0 bit if it is set. The conditions for receiving
a SETUP interrupt are shown in Figure 10-30.
10.6.1.2 Transmit Control Endpoint 0
For a Control IN transaction directed at Endpoint 0, the USB module will generate
an interrupt by setting the TXD0F flag in the UIR0 register. The conditions
necessary for the interrupt to occur are shown in the flowchart of Figure 10-31.
10.6.1.3 Transmit Endpoint 1 and Transmit Endpoint 2
Transmit Endpoints 1 and 2 share their interrupt flag. For an IN transaction
directed at Endpoint 1 or 2, the USB module will generate an interrupt by setting
the TXD1F flag in the UIR1 register. The conditions necessary for the interrupt to
occur are shown in the flowchart of Figure 10-32.
10.6.2 Resume Interrupt
The USB module will generate a USB interrupt if low speed bus activity is
detected after entering the suspend state. A transition of the USB data lines to the
non-idle state (“K” state) while in the suspend mode will set the RESUMF flag in
the UIR1 register. There is no interrupt enable bit for this interrupt source and an
interrupt will be executed if the I bit in the CCR is cleared. A resume interrupt can
only occur while the MC68HC05JB3 is in the suspend mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com