Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB3 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 97Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 98Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 99Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 100Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 101Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 102Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 103Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 104Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
OPTICAL INTERFACE
MOTOROLA
REV 1
11-1
SECTION 11
OPTICAL INTERFACE
The MC68HC05JB3 MCU has four pairs of Optical Interfaces, configured through
Port-A. This port has built-in optical coupler interface devices, which can be
directly connected to IR displacement encoders, such as in optical mouse and
optical joystick applications.
11.1
OVERVIEW
In practical designs, each axis requires two optical couplers to detect the displace-
ment. Hence, the eight optical interfaces on port-A are enabled in pairs, with each
pair enabled by a bit in the Optical Interface Enable Register ($0E). Figure 11-1
shows a one pair of the optical interface. Table 11-1 shows the port-A configura-
tion for the four pairs.
Table 11-1. Port-A Optical Interface Pairs
For optimal performance, the reference voltage used in the optical interface
module is selectable from eight predefined values, as shown in Figure 11-2. and
Table 11-2. This allows the optical interface to be easily configured by software to
match the IR displacement encoders. The reference voltage is selected using the
bits VREF0-VREF2 in the OIER.
Optical Coupler
Port pin used
Enable bit in OIER
Pair 1
PA0 and PA1
OIE0
Pair 2
PA2 and PA3
OIE1
Pair 3
PA4 and PA5
OIE2
Pair 4
PA6 and PA7
OIE3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com