Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44L11 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS44L11
Description  Low Voltage Class-D PWM Headphone Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L11 Datasheet(HTML) 5 Page - Cirrus Logic

  CS44L11 Datasheet HTML 1Page - Cirrus Logic CS44L11 Datasheet HTML 2Page - Cirrus Logic CS44L11 Datasheet HTML 3Page - Cirrus Logic CS44L11 Datasheet HTML 4Page - Cirrus Logic CS44L11 Datasheet HTML 5Page - Cirrus Logic CS44L11 Datasheet HTML 6Page - Cirrus Logic CS44L11 Datasheet HTML 7Page - Cirrus Logic CS44L11 Datasheet HTML 8Page - Cirrus Logic CS44L11 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DS640PP4
5
CS44L11
PERFORMANCE SPECIFICATIONS
(Full-Scale Output Sine Wave, 997 Hz, MCLK = 12.288 MHz, Measurement Bandwidth 10 Hz to 20 kHz, unless
otherwise specified; Fs for Single-Speed Mode = 48 kHz, SCLK = 3.072 MHz; Fs for Double-Speed Mode =
96 kHz, SCLK = 6.144 MHz. Test load RL= 16
Ω, CL = 10 pF. Performance results are measured in production
using a 4700
µF capacitor on the VA_HPx pins. Results will be degraded if smaller value capacitors are used.)
Parameter
Symbol
Min
Typ
Max
Unit
Headphone Output Dynamic Performance for VD = VA_HPx = 2.4 V
Dynamic Range
18 to 24-Bit
A-Weighted
UnWeighted
16-Bit
A-Weighted
Unweighted
90
88
88
86
95
93
93
91
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
0 dBFS
-20 dBFS
-60 dBFS
THD+N
-
-
-
-60
-73
-33
-55
-
-
dB
dB
dB
Interchannel Isolation
(1 kHz)
-TBD
-
dB
Headphone Output Dynamic Performance for VD = VA_HPx = 1.8 V
Dynamic Range
18 to 24-Bit
A-Weighted
UnWeighted
16-Bit
A-Weighted
Unweighted
87
85
85
83
92
90
90
88
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-55
-70
-30
-50
-
-
dB
dB
dB
Interchannel Isolation
(1 kHz)
-60-
dB
PWM Headphone Output
Full-Scale Headphone Output Voltage
-0.75 x
VA_HP
-Vpp
Headphone Output Quiescent Voltage
-
0.5 x
VA_HP
-VDC
Interchannel Gain Mismatch
-0.1
-
dB
Modulation Index
--
85
%
Maximum Headphone Output
VA_HPx=2.4 V
RMS AC-Current
VA_HPx=1.8 V
IHP
-
-
38
28
-
-
mA
mA
Parameter
Single-Speed Mode
Double-Speed Mode
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Digital Filter Response (Note 1))
Passband
to -0.05 dB corner
(Note 2)
to -0.1 dB corner
to -3 dB corner
0
-
0
-
-
-
.4535
-
.4998
-
0
0
-
-
-
-
.4426
.4984
Fs
Fs
Fs
Frequency Response 10 Hz to 20 kHz
(Note 3)
-.02
-
+.08
0
-
+0.11
dB
StopBand
.5465
-
-
.577
-
-
Fs
StopBand Attenuation
(Note 4)
50
-
-
55
-
-
dB
Group Delay
tgd
-
9/Fs
-
-
4/Fs
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com