Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44L11 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS44L11
Description  Low Voltage Class-D PWM Headphone Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L11 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS44L11 Datasheet HTML 3Page - Cirrus Logic CS44L11 Datasheet HTML 4Page - Cirrus Logic CS44L11 Datasheet HTML 5Page - Cirrus Logic CS44L11 Datasheet HTML 6Page - Cirrus Logic CS44L11 Datasheet HTML 7Page - Cirrus Logic CS44L11 Datasheet HTML 8Page - Cirrus Logic CS44L11 Datasheet HTML 9Page - Cirrus Logic CS44L11 Datasheet HTML 10Page - Cirrus Logic CS44L11 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
DS640PP4
7
CS44L11
DIGITAL CHARACTERISTICS
(GND = 0 V; all voltages with respect to 0 V.)
POWER AND THERMAL CHARACTERISTICS
(GND = 0 V; all voltages with respect to 0 V. HP_x outputs unloaded.)
Notes:
6.
Power Down Mode is defined as RST = LOW with all clocks and data lines held static.
7.
Normal operation is defined as RST = HI.
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
0.7 x VD
-
-
V
Low-Level Input Voltage
VIL
--
0.3 x VD
V
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-8
-
pF
Parameters
Symbol
Min
Typ
Max
Units
Power Down (Note 6)
Power Supply Current
VD = VA_HPx = 2.4 V
VD = VA_HPx = 1.8 V
-
-
380
110
-
-
µA
µA
Normal Operation (Note 7)
Power Supply Current
VD = VA_HPx = 2.4 V
VD = VA_HPx = 1.8 V
-
-
14
9
-
-
mA
mA
Total Power Dissipation-
VD = VA_HPx = 2.4 V
Normal Operation
(Note 6)
VD = VA_HPx = 1.8 V
-
-
34
16
-
-
mW
mW
Maximum Headphone Power Output
(1 kHz full-scale sine wave
VA_HPx = 2.4 V
into 16
Ω load)
VA_HPx = 1.8 V
-
-
23
13
-
-
mW
mW
Power Supply Rejection Ratio
PSRR
-
0
-
dB
Package Thermal Resistance
θJA
-75-
°C/Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com