Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44L11 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS44L11
Description  Low Voltage Class-D PWM Headphone Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L11 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS44L11 Datasheet HTML 23Page - Cirrus Logic CS44L11 Datasheet HTML 24Page - Cirrus Logic CS44L11 Datasheet HTML 25Page - Cirrus Logic CS44L11 Datasheet HTML 26Page - Cirrus Logic CS44L11 Datasheet HTML 27Page - Cirrus Logic CS44L11 Datasheet HTML 28Page - Cirrus Logic CS44L11 Datasheet HTML 29Page - Cirrus Logic CS44L11 Datasheet HTML 30Page - Cirrus Logic CS44L11 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
DS640PP4
27
CS44L11
a 220 µF capacitor and a 16
Ω load on the headphone outputs, the minimum power-down time will be ap-
proximately 0.4 seconds.
Note that ramp-up and ramp-down period can be set to zero with the RUPBYP and RDNBYP bits respec-
tively.
6.5
Recommended Power-Up Sequence
6.5.1
Stand-Alone Mode
1.
Hold RST low until the power supply, master, and left/right clocks are stable. In this state, the control
port is reset to its default settings and the HP_x lines will remain low.
2.
Bring RST high. The device will remain in a low power state and will initiate the Stand-Alone power-up
sequence. The control port will be accessible at this time.
6.5.2
Control Port Mode
1.
Hold RST low until the power supply, master, and left/right clocks are stable. In this state, the control
port is reset to its default settings and the HP_x lines will remain low.
2.
Bring RST high. The device will remain in a low power state and will initiate the Stand-Alone power-up
sequence. The control port will be accessible at this time.
3.
On the CS44L11 the control port pins are shared with stand-alone configuration pins. To enable the
control port, the user must set the CP_EN bit. This is done by performing an I²C write. Once the
control port is enabled, these pins are dedicated to control port functionality.
To prevent audible artifacts, the CP_EN bit (see Section 4.10.4) should be set prior to the completion of
the Stand-Alone power-up sequence (1024/Fs: approximately 21 ms at Fs=48 kHz). Writing this bit will
halt the Stand-Alone power-up sequence and initialize the control port to its default settings. Note, the
CP_EN bit can be set any time after RST goes high; however, setting this bit after the Stand-Alone pow-
er-up sequence has completed can cause audible artifacts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com