Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44L11 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS44L11
Description  Low Voltage Class-D PWM Headphone Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L11 Datasheet(HTML) 1 Page - Cirrus Logic

  CS44L11 Datasheet HTML 1Page - Cirrus Logic CS44L11 Datasheet HTML 2Page - Cirrus Logic CS44L11 Datasheet HTML 3Page - Cirrus Logic CS44L11 Datasheet HTML 4Page - Cirrus Logic CS44L11 Datasheet HTML 5Page - Cirrus Logic CS44L11 Datasheet HTML 6Page - Cirrus Logic CS44L11 Datasheet HTML 7Page - Cirrus Logic CS44L11 Datasheet HTML 8Page - Cirrus Logic CS44L11 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
http://www.cirrus.com
Low Voltage Class-D PWM Headphone Amplifier
Features
Up to 95 dB Dynamic Range
1.8 V to 2.4 V Analog and Digital Supplies
Sample Rates up to 96 kHz
Digital Tone Control
–
3 Selectable HPF and LPF Corner
Frequencies
–
12 dB Boost for Bass and Treble - 1 dB step
size
Programmable Digital Volume Control
–
+18 to -96 dB in 1 dB steps
Peak Signal Soft Limiting
De-emphasis for 32 kHz, 44.1 kHz, and 48 kHz
Selectable Outputs for Each Channel, including
–
Channel A: R, L, mono (L + R) / 2, mute
–
Channel B: R, L, mono (L + R) / 2, mute
PWM PopGuard®
23 mW/Channel into 16
Ω @ 2.4 V
Description
The CS44L11 is a complete stereo digital-to-PWM
Class-D audio amplifier system controller including in-
terpolation, volume control, and a headphone amplifier
in a 16-pin TSSOP package.
The CS44L11 architecture uses a direct-to-digital ap-
proach that maintains digital signal integrity to the final
output filter. This minimizes analog interference effects
that can negatively affect system performance.
The CS44L11 contains on-chip digital bass and treble
boost, peak signal limiting, and de-emphasis. The PWM
amplifier can achieve greater than 90% efficiency. This
efficiency leads to longer battery life for portable sys-
tems,
smaller
device
package,
less
heat
sink
requirements, and smaller power supplies.
The CS44L11 is ideal for portable audio, headphone
amplifiers, and mobile phones.
ORDERING INFORMATION
CS44L11-CZZ, Lead Free -10 to 70 °C 16-pin TSSOP
Multibit
∆Σ
Modulator with
Correction
Multibit
∆Σ
Modulator with
Correction
Digital Volume
Control,
Bass/Treble
Boost,
Compression
Limiting,
De-emphasis
Control Port
SCL/DIF0
MCLK
Serial
Port
SDA/DEM
PWM
Conversion
PWM
Conversion
HP_B
VA_HPB
GND_HPB
Level
Shifter
VA_HPA
Level
Shifter
HP_A
GND_HPA
RST
Interpolation
SCLK
LRCK
Input Sampling Rate
LRCLK/MCLK Ratio
SDIN
Audio
VD
CS44L11
JULY '05
DS640PP4


Similar Part No. - CS44L11

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS44L10 CIRRUS-CS44L10 Datasheet
601Kb / 34P
Digital PWH Headphone Monitor
CS44L10-KZ CIRRUS-CS44L10-KZ Datasheet
601Kb / 34P
Digital PWH Headphone Monitor
More results

Similar Description - CS44L11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8559 PHILIPS-TDA8559 Datasheet
264Kb / 32P
Low-voltage stereo headphone amplifier
1997 Jun 27
logo
New Japan Radio
NJU8721 NJRC-NJU8721 Datasheet
172Kb / 13P
CLASS D HEADPHONE AMPLIFIER FOR DIGITAL AUDIO
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
NXP Semiconductors
NE58633 PHILIPS-NE58633 Datasheet
230Kb / 25P
Noise reduction class-D headphone driver amplifier
Rev. 01-22 January 2009
NE58633 NXP-NE58633 Datasheet
259Kb / 27P
Noise reduction class-D headphone driver amplifier
Rev. 02-25 May 2009
logo
Rohm
BU7839GVW ROHM-BU7839GVW Datasheet
691Kb / 16P
Digital Input Hi-Fi Class-D Headphone Amplifier
BU7839GVW ROHM-BU7839GVW_10 Datasheet
392Kb / 16P
Digital Input Class-D Headphone Amplifier
logo
Richtek Technology Corp...
RT9101 RICHTEK-RT9101_11 Datasheet
442Kb / 12P
2.65W PWM Class-D Power Amplifier
logo
Maxim Integrated Produc...
MAX97200A MAXIM-MAX97200A Datasheet
535Kb / 5P
20mW Class G Headphone Amplifier
Rev 0; 2/10
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com