| Electronic Components Datasheet Search |
|
CS44L11 Datasheet(PDF) 23 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS44L11 Datasheet(HTML) 23 Page - Cirrus Logic |
|
23 / 34 page ![]() DS640PP4 23 CS44L11 4.10 Mode Control 3 (address 0Bh) 4.10.1 Digital Interface Formats (DIF) Default = 00 00 - I²S 01 - Right Justified, 16 bit 10 - Left Justified 11 - Right Justified, 24 bit Function: The required relationship between the Left/Right clock, serial clock and serial data is defined by the Digital Interface Format and the options are detailed in Figures 16 through 19. 4.10.2 Channel A Volume = Channel B Volume (A=B) Default = 0 0 - Disabled 1 - Enabled Function: The HP_A and HP_B volume levels are independently controlled by the A and the B Channel Volume Control Bytes when this function is disabled. The volume on both HP_A and HP_B are determined by the A Channel Volume Control Byte and the B Channel Byte is ignored when this function is enabled. 4.10.3 Volume Control Bypass (VCBYP) Default = 0 0 - Disabled 1 - Enabled Function: The digital volume control section is bypassed when this function is enabled. This disables the digital vol- ume control, muting, bass boost, treble boost, limiting, and ATAPI functions. 4.10.4 Control Port Enable (CP_EN) Default = 0 0 - Disabled 1 - Enabled Function: This bit defaults to 0, allowing the device to power-up in Stand-Alone mode. The Control Port Mode can be accessed by setting this bit to 1. This will allow the operation of the device to be controlled by the reg- isters and the pin definitions will conform to Control Port Mode. Refer to Section 6.5.2 . 7 6 5 432 10 DIF1 DIF0 A=B VCBYP CP_EN FREEZE HPSEN Reserved 0 0 0 000 00 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |