Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44L11 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS44L11
Description  Low Voltage Class-D PWM Headphone Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L11 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS44L11 Datasheet HTML 6Page - Cirrus Logic CS44L11 Datasheet HTML 7Page - Cirrus Logic CS44L11 Datasheet HTML 8Page - Cirrus Logic CS44L11 Datasheet HTML 9Page - Cirrus Logic CS44L11 Datasheet HTML 10Page - Cirrus Logic CS44L11 Datasheet HTML 11Page - Cirrus Logic CS44L11 Datasheet HTML 12Page - Cirrus Logic CS44L11 Datasheet HTML 13Page - Cirrus Logic CS44L11 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
DS640PP4
CS44L11
2. TYPICAL CONNECTION DIAGRAMS
RST
VA_H PB
1.8 to 2.4 V
Supply
100µF
+
VA_HPA
VD
12
13
7
6
Supply
+
1.8 to 2.4 V
10
15
GND
GND
GND
Digital
Audio
Source
DIF0
DEM
Mode
Control
11
14
0.22
µF
0.22
µF
HP_A
HP_B
100 µH
100 µ H
220 µF
220 µF
+
+
16
Ω
Headphones
Low ESR
Tantalum
1.0µF
0.1µF
5
4
3
2
1
MCLK
SCLK
LRCK
SDIN
1.0µF
0.1µF
9
16
8
VD
Figure 3. Typical CS44L11 Connection Diagram Stand-Alone Mode
CS44L11
* Filter component values shown are for a 16
Ω load. Please see the CDB44L11 datasheet for information
on how to calculate filter values for other loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com