Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44L11 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS44L11
Description  Low Voltage Class-D PWM Headphone Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L11 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS44L11 Datasheet HTML 14Page - Cirrus Logic CS44L11 Datasheet HTML 15Page - Cirrus Logic CS44L11 Datasheet HTML 16Page - Cirrus Logic CS44L11 Datasheet HTML 17Page - Cirrus Logic CS44L11 Datasheet HTML 18Page - Cirrus Logic CS44L11 Datasheet HTML 19Page - Cirrus Logic CS44L11 Datasheet HTML 20Page - Cirrus Logic CS44L11 Datasheet HTML 21Page - Cirrus Logic CS44L11 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
18
DS640PP4
CS44L11
4.6
Limiter Attack Rate (address 07h) (ARATE)
Default = 10h - 2 LRCK’s per 1/8 dB
Function:
The limiter attack rate is user-selectable. The rate is a function of sampling frequency, Fs, and the value in
the Limiter Attack Rate register. Rates are calculated using the function RATE = 32/{value}, where {value}
is the decimal value in the Limiter Attack Rate register and RATE is in LRCK’s per 1/8 dB of change.
A value of zero in this register is not recommended, as it will induce erratic behavior of the limiter. Use the
LIM_EN bit to disable the limiter function (see "Peak Signal Limiter Enable (LIM_EN)").
4.7
Limiter Release Rate (address 08h) (RRATE)
Default = 20h - 16 LRCK’s per 1/8 dB
Function:
The limiter release rate is user-selectable. The rate is a function of sampling frequency, Fs, and the value
in the Limiter Release Rate register. Rates are calculated using the function RATE = 512/{value}, where
{value} is the decimal value in the Limiter Release Rate register and RATE is in LRCK’s per 1/8 dB of
change.
Note:
A value of zero in this register is not recommended, as it will induce erratic behavior of the limiter.
Use the LIM_EN bit to disable the limiter function (see "Peak Signal Limiter Enable (LIM_EN)").
76
543
21
0
ARATE7
ARATE6
ARATE5
ARATE4
ARATE3
ARATE2
ARATE1
ARATE0
00
010
00
0
Binary Code
Decimal Value
LRCK’s per 1/8 dB
00000001
1
32
00010100
20
1.6
00101000
40
0.8
00111100
60
0.53
01011010
90
0.356
Table 8. Example Limiter Attack Rate Settings
76
543
21
0
RRATE7
RRATE6
RRATE5
RRATE4
RRATE3
RRATE2
RRATE1
RRATE0
00
100
00
0
Binary Code
Decimal Value
LRCK’s per 1/8 dB
00000001
1
512
00010100
20
25
00101000
40
12
00111100
60
8
01011010
90
5
Table 9. Example Limiter Release Rate Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com