Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61581 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS61581
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS61581 Datasheet HTML 2Page - Cirrus Logic CS61581 Datasheet HTML 3Page - Cirrus Logic CS61581 Datasheet HTML 4Page - Cirrus Logic CS61581 Datasheet HTML 5Page - Cirrus Logic CS61581 Datasheet HTML 6Page - Cirrus Logic CS61581 Datasheet HTML 7Page - Cirrus Logic CS61581 Datasheet HTML 8Page - Cirrus Logic CS61581 Datasheet HTML 9Page - Cirrus Logic CS61581 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
CS61581
6
DS211PP8
ANALOG SPECIFICATIONS (Continued)
Notes: 15. Data decision threshold established after the receiver equalizer filters pulse overshoot and undershoot.
16. Jitter tolerance for 0 dB input signal level. Jitter tolerance increases at lower frequencies. See Figure 8.
17. See Receiver Jitter Tolerance Plot, Figure 8.
18. Guaranteed by design.
Parameter
Min
Typ
Max
Units
Receiver
RTIP/RRING Input Impedance
-
20k
-
.
Sensitivity Below DSX (0 dB = 3.0 V) Long Haul, T1
-40
30
-
-
-
-
dB
mV
Sensitivity Below DSX (0 dB = 3.0 V) Long Haul, E1
-36
48
-
-
-
-
dB
mV
Sensitivity Below DSX (0 dB = 3.0 V) T1 - Short Haul
-21
270
-
-
-
-
dB
mV
Sensitivity Below G.703 (0 dB = 2.4 V) E1 - Short Haul
-15
430
-
-
-
-
dB
mV
Loss of Signal Threshold (Note 18)
Long Haul, T1 & E1
T1 Short Haul
E1 Short Haul
-
-
-
-42
-22
-16
-
-
-
dB
dB
dB
Data Decision Threshold (Note 18)
(Note 15)
T1, DSX-1
T1, (FCC Part 68) and E1
-
-
50
50
-
-
% of peak
% of peak
Allowable Consecutive Zeros before LOS
160
175
190
bits
Receiver Input Jitter Tolerance - Short Haul
(Note 16)
E1: 18 kHz - 100 kHz
T1: 10 kHz - 100 kHz
(Note 13) 2 kHz
(Note 18) 10 Hz and below
0.20
0.4
6.0
300
-
-
-
-
-
-
-
-
UI
UI
UI
UI
Receiver Input Jitter Tolerance - Long Haul
(Note 17)
E1:10 kHz - 100 kHz
T1:10 kHz - 100 kHz
(Note 13) 1 Hz
0.20
0.4
138
-
-
-
-
UI
UI
UI
CS61581
6
DS211F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com