Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61581 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS61581
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS61581 Datasheet HTML 10Page - Cirrus Logic CS61581 Datasheet HTML 11Page - Cirrus Logic CS61581 Datasheet HTML 12Page - Cirrus Logic CS61581 Datasheet HTML 13Page - Cirrus Logic CS61581 Datasheet HTML 14Page - Cirrus Logic CS61581 Datasheet HTML 15Page - Cirrus Logic CS61581 Datasheet HTML 16Page - Cirrus Logic CS61581 Datasheet HTML 17Page - Cirrus Logic CS61581 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
CS61581
14
DS211PP8
2.4.5
Jitter Tolerance
The receiver jitter tolerance is shown in Figure 8.
The CS61581 jitter tolerance exceeds AT&T
62411 in T1 applications, and G.823 in E1 applica-
tions.
2.5
Receiver Line Attenuation Indication
LATN (pin 18) outputs a coded signal that repre-
sents the signal level at the input of the receiver. As
shown in Figure 9, the LATN output is measured
against RCLK to provide the signal level in 7.5 dB
increments. In host mode, the receive input signal
level can be read from the Equalizer Gain register
(address 0x12), to greater resolution, dividing the
input range into 20 steps of 2 dB increments.
2.6
Jitter Attenuator
The jitter attenuator reduces the amount of jitter
and wander in the input signal. the jitter attenuator
is built around a FIFO; the write pointer of the
FIFO is driven by the input clock, and the read
pointer is driven by a phase locked loop (PLL). The
jitter attenuator can be placed in either the transmit
or receive paths; in the transmit path, writing to the
FIFO is controlled by TCLK; if the jitter attenuator
is in the receive path, writing is controlled by the
recovered clock from the input data. The jitter at-
tenuator does not require an external crystal. If a
crystal is present, the PLL uses it for a reference;
otherwise, MCLK provides the reference.
The jitter attenuator is enabled if an external crystal
is connected. If no crystal is present, then the jitter
attenuator is enabled by either grounding or float-
ing XTALIN (pin 9). It is disabled by tying
XTALIN high. It is placed in the transmit or re-
ceive paths by setting JASEL (pin 11) either low or
high, respectively.
The jitter attenuator has two modes of operation de-
pending on whether the CS61581 is configured for
T1 or E1 operation (based on the output pulse
shape selection). For T1, the jitter attenuator corner
frequency is set at 4 Hz, with attenuation increas-
ing at a 20 dB per decade rate above 4 Hz. For E1
the corner frequency is approximately 1.25 Hz in
order to comply with ETSI 300 011, TBR12/13,
and recommendation I.431 Complying to these
specifications also guarantees compliance to less
stringent standards, such as G.736. Typical jitter at-
tenuation curves are shown in Figures 10 and 11.
2.7
Receiver Loss of Signal
The receiver will indicate loss of signal by assert-
ing LOS (pin 12, also CR1.0 in host mode). This
happens on power up, reset, when the receiver gain
reaches its maximum, or on receiving 175+/-15
consecutive zeros. Received zeros are counted
based on recovered clock cycles. When in the LOS
state,
received
data
is
not
output
from
RPOS/RNEG (RDATA); but is squelched until the
device comes out of LOS. The LOS condition is ex-
RCLK
LATN
1
2
3
4
5
LATN = 1 RCLK, 7.5 dB of Attenuation
LATN = 2 RCLK, 15 dB of Attenuation
LATN = 3 RCLK, 22.5 dB of Attenuation
LATN = 4 RCLK, 0 dB of Attenuation
Figure 9. LATN Pulse Width encoding
CS61581
14
DS211F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com