Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61581 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS61581
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS61581 Datasheet HTML 16Page - Cirrus Logic CS61581 Datasheet HTML 17Page - Cirrus Logic CS61581 Datasheet HTML 18Page - Cirrus Logic CS61581 Datasheet HTML 19Page - Cirrus Logic CS61581 Datasheet HTML 20Page - Cirrus Logic CS61581 Datasheet HTML 21Page - Cirrus Logic CS61581 Datasheet HTML 22Page - Cirrus Logic CS61581 Datasheet HTML 23Page - Cirrus Logic CS61581 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
CS61581
20
DS211PP8
2.15
Control Register 2 LH: Address 0x11
AIS
Alarm Indication Signal.
AIS = 1 when an all ones pattern is present at the receiver. This bit is reset to “0” by the first
read occurring after the AIS condition has cleared.
An interrupt will occur when AIS is present unless a “1” is written to AIS disabling the interrupt.
RAMPLSE
When RAMPLSE = 1, output pulse shapes are determined by the codes in the internal, pro-
grammable, transmit RAM.
MATCHZ
Matched Impedance Drive
When MATCHZ = 1 the output impedance is automatically set to match the impedance of a
standard T1 or E1 line.
A 1:1.5 transformer should be used when MATCHZ = 1, and a 1:2 transformer should be used
when MATCHZ = 0. (See Figures 15 and 16.)
LOOPDN
Loop Down
In Long Haul mode, setting LOOPDN to “1” causes the data pattern 001001... to be repetitively
transmitted.
LOOPUP
Loop Up
InLongHaulmode,settingLOOPUPto“1”causesthedatapattern0000100001...toberepetitively
transmitted.
RPWDN
Receiver Power Down
When RPWDN = 1, the receiver circuitry is powered down, but the transmitter is still active.
TxHIZ
Transmitter High Impedance
When TxHIZ = 1 the transmitter goes to a low-power, high-impedance state
SH/LH
Short Haul / Long Haul Select
When SH/LH = 0, the CS61581 is in the Long Haul mode.
When SH/LH = 1, the CS61581 is in the Short Haul mode. Note that it overwrites the E1_LH bit,
if set.
SH/LH controls the functions of the bits in Control Register 1 (address 0x10) and Control Reg-
ister 2 (address 0x11).
7 (MSB)
6
5
4
3
2
1
0 (LSB)
AIS
RAMPLSE
MATCHZ
LOOPDN
LOOPUP
RPWDN
TxHIZ
SH/LH
CS61581
20
DS211F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com