Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61581 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS61581
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS61581 Datasheet HTML 12Page - Cirrus Logic CS61581 Datasheet HTML 13Page - Cirrus Logic CS61581 Datasheet HTML 14Page - Cirrus Logic CS61581 Datasheet HTML 15Page - Cirrus Logic CS61581 Datasheet HTML 16Page - Cirrus Logic CS61581 Datasheet HTML 17Page - Cirrus Logic CS61581 Datasheet HTML 18Page - Cirrus Logic CS61581 Datasheet HTML 19Page - Cirrus Logic CS61581 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
CS61581
16
DS211PP8
2.9
Remote Loopback
Remote loopback is selected by setting RLOOP
high (pin 26 in Hardware mode, CR1.5 in Host
mode). In remote loopback, the recovered clock
and data input on RTIP and RRING are sent back
out on the line via TTIP and TRING. Selecting re-
mote loopback overrides a TAOS request. The re-
covered clock and data from the incoming signal are
also sent to RCLK, RPOS and RNEG (RDATA). Si-
multaneous selection of local and remote loopback
modes will cause a device reset to occur (see Reset).
2.10
Network Loopback
During Network Loopback (automatic remote
loopback), the data path and operation of the device
is identical to Remote Loopback, except this loop-
back mode is controlled by the transmitter at the
other end of the loop. It is initiated by enabling Net-
work Loopback detection on the device. In Host
Mode, Network Loopback (NLOOP) detection is
enabled by writing ones to TAOS, LLOOP and
RLOOP, then clearing them. In hardware mode,
Network Loopback can be enabled by tying
RLOOP to RCLK or by setting TAOS, LLOOP,
and RLOOP high for at least 200 ns, and then low.
Once enabled Network Loopback functionality
will remain in effect until RLOOP is activated or
the device is reset.
When NLOOP detection is enabled, the receiver
monitors the input data stream for the LOOP UP
data pattern: a repeating 00001. When this pattern
is repeated for a minimum of five seconds (with
less than 10-3 BER), the device sets its internal data
path as in Remote Loopback. It stays in this mode
until the LOOP DOWN pattern (repeating 001) is
received for 5 seconds, or by activation of RLOOP.
NLOOP is temporarily suspended by LLOOP, but
the NLOOP state is not reset.
The device can also generate the LOOP UP and
LOOP DOWN sequences by setting the LOOPUP
(CR2.3) or LOOPDN (CR2.4) bits respectively.
The Network Loopback generation and detection
functions are only available in Long Haul mode.
2.11
Alarm Indication Signal
The receiver sets the register bit, AIS, to “1” when
less than 9 zeros are detected out of 8192 bit peri-
ods. AIS returns to “0” upon the first read after the
AIS condition is removed, determined by 9 or more
zeros out of 8192 bit periods.
Some operations change the definition of other bits.
Writing a 1 or 0 to SH/LH (CR2.0 = 1), places the
device in Short Haul or Long Haul mode respec-
tively, and the definition of Control Registers 1 and
2 are modified accordingly. In Long Haul mode, E1
operation can be enabled by setting E1_LH to 1
(CR3.6 = 1), changes CR1.2 from B8ZS to HDB3.
Enabling unipolar mode by setting TNEG (pin 4) high
for 16 clocks allows the user to enable coder mode us-
ing the CODER bit (CR1.2LH). When TNEG is low,
enabling bipolar mode, CR1.2LH is the TAZ bit
(transmit all zeroes).
2.12
Serial Interface
In the Host Mode, pins 24 through 28 serve as a mi-
crocontroller interface. On-chip registers can be
written to via the SDI pin or read from via the SDO
pin at the clock rate determined by SCLK. Through
these registers, a host controller can be used to con-
trol operational characteristics and monitor device
status. The serial port read/write timing is indepen-
dent of the system transmit and receive timing.
Data transfers are initiated by taking the chip select
input, CS, low (CS must initially be high). Address
and input data bits are clocked in on the rising edge
of SCLK. The clock edge on which output data is
stable and valid is determined by CLKE as shown
in Table 2. Data transfers are terminated by setting
CS high. CS may go high no sooner than 50 ns after
the rising edge of the SCLK cycle corresponding to
the last write bit. For a serial data read, CS may go
high any time to terminate the output and set SDO
to high impedance.
CS61581
16
DS211F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com