Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61581 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS61581
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS61581 Datasheet HTML 25Page - Cirrus Logic CS61581 Datasheet HTML 26Page - Cirrus Logic CS61581 Datasheet HTML 27Page - Cirrus Logic CS61581 Datasheet HTML 28Page - Cirrus Logic CS61581 Datasheet HTML 29Page - Cirrus Logic CS61581 Datasheet HTML 30Page - Cirrus Logic CS61581 Datasheet HTML 31Page - Cirrus Logic CS61581 Datasheet HTML 32Page - Cirrus Logic CS61581 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
CS61581
DS211PP8
29
Control
&
Monitor
Frame
Format
Encoder/
Decoder
CS61581
IN
HARDWARE
MODE
Line
Length
Setting
28
1
26
27
5
7
6
8
3
4
2
9
10
+
33
∝F
RGND
0.1
∝F
+5V
21
15
+
1.0
∝F
TGND
RV+
TV+
TAOS
MCLK
RLOOP
LLOOP
MODE
RPOS
RNEG
RCLK
TPOS
TNEG
TCLK
XTALIN
XTALOUT
RGND
TGND
22
14
LBO2
LBO1
RTIP
RRING
TRING
TTIP
24
25
1:2
PE-65351
12
23
LOS
NLOOP
11 JASEL
RECEIVE
LINE
TRANSMIT
LINE
19
20
16
13
R1
R2
1
5
2
6
0.47
∝F
2
6
1
5
1CT:1
PE-64936
0.47
∝F
R3
R4
Figure 16. Low Impedance Output Configuration
T1
100
.
E1
75
.
E1
120
.
R1 (
. )
50
37.5
60
R2 (
. )
50
37.5
60
R3 (
. )
9.1
9.1
9.1
R4 (
. )
9.1
9.1
9.1
CS61581
DS211F1
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com