Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61581 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS61581
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS61581 Datasheet HTML 13Page - Cirrus Logic CS61581 Datasheet HTML 14Page - Cirrus Logic CS61581 Datasheet HTML 15Page - Cirrus Logic CS61581 Datasheet HTML 16Page - Cirrus Logic CS61581 Datasheet HTML 17Page - Cirrus Logic CS61581 Datasheet HTML 18Page - Cirrus Logic CS61581 Datasheet HTML 19Page - Cirrus Logic CS61581 Datasheet HTML 20Page - Cirrus Logic CS61581 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
CS61581
DS211PP8
17
Figure 12 shows the timing relationships for data
transfers when CLKE = 0. When CLKE = 1, data
bit D7 is held until the falling edge of the 16th clock
cycle. When CLKE = 0, data bit D7 is held valid
until the rising edge of the 17th clock cycle. SDO
goes high-impedance after CS goes high or at the
end of the hold period of data bit D7.
SDO goes to a high impedance state when not in
use. SDO and SDI may be tied together in applica-
tions where the host processor has a bidirectional
I/O port.
An address/command byte, shown in Figure 12,
points to addresses 0x10 through 0x15 (address
0x10 shown), and precedes a data byte. The first bit
of the address/command byte determines whether a
read or a write is requested. The next six bits con-
tain the address. The last bit is ignored. Data to the
internal registers is input on the eight clock cycles
immediately following the address/command byte.
The register bit assignments are shown in Table 3.
CS
SCLK
SDO
CLKE = 0
SDI
D6
D5
D4
D3
D2
D1
D0
D7
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Address/Command Byte
Data Input/Output
0
0
0
1
0
R/W
Figure 12. Input/Output Timing (showing address 0x10)
7
6
5
432
1
0
ADDR
Control Register 1 LH
(CR2.0 = 0) (CR1LH)
TAOS
LLOOP
RLOOP
LB02
LB01
CODER
TAZ
NLOOP
LOS
0x10 R/W
Control Register 1 SH
(CR2.0 = 1) (CR1SH)
TAOS
LLOOP
RLOOP
LEN2
LEN1
LEN0
RSVD
LOS
0x10 R/W
Control Register 2 LH
(CR2.0 = 0) (CR2LH)
AIS
RAMPLSE MATCHZ LOOPDN
LOOPUP
RPWDN
TxHIZ
SH/LH
0x11 R/W
Control Register 2 SH
(CR2.0 = 1) (CR2SH)
AIS
RAMPLSE MATCHZ
RSVD
RCODER TCODER
TxHIZ
SH/LH
0x11 R/W
Equalizer Gain
(EQGAIN)
X
X
X
EQ4
EQ3
EQ2
EQ1
EQ0
0x12 R
RAM Address
(RAM)
MSB
-
-
-
-
-
-
LSB
0x13 R/W
Control Register 3
(CR3)
QRSS-
PATH
E1_LH
RST_
QERR
QDET
INS_QERR
QSYNC
TEST
QGEN
TEST
0x14 R/W
Data Pattern Error Count
(DPEC)
MSB
-
-
-
-
-
-
LSB
0x15 R
Table 3. Register Map
CS61581
DS211F1
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com