Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61581 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS61581
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS61581 Datasheet HTML 20Page - Cirrus Logic CS61581 Datasheet HTML 21Page - Cirrus Logic CS61581 Datasheet HTML 22Page - Cirrus Logic CS61581 Datasheet HTML 23Page - Cirrus Logic CS61581 Datasheet HTML 24Page - Cirrus Logic CS61581 Datasheet HTML 25Page - Cirrus Logic CS61581 Datasheet HTML 26Page - Cirrus Logic CS61581 Datasheet HTML 27Page - Cirrus Logic CS61581 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
CS61581
24
DS211PP8
4. ARBITRARY WAVEFORM
GENERATION
In addition to the predefined pulse shapes, the user
can create custom pulse shapes using the host
mode. This flexibility allows the board designer to
accommodate non-standard cables, EMI filters,
protection circuitry, etc.
The arbitrary pulse shape of mark (a transmitted 1)
is specified by describing it’s pulse shape across
three Unit Intervals (UIs). This allows, for exam-
ple, the long-haul return-to-zero tail to extend into
the next UI, or two UIs, as is required for isolated
pulses.
Each UI is divided into multiple phases, and the us-
ers defines the amplitude of each phase. The wave-
form of a space (a transmitted 0) is fixed at zero
volts. Examples of the phases are shown in
Figure 13. In all cases, to define an arbitrary wave-
form, the user writes to the Waveform Register ei-
ther 36, 39 or 42 times (12, 13 or 14 phases per UI
for three UIs). The phases are written in the order:
UI1/phase1,
UI1/phase2,...,
UI1/phase14,
UI2/phase1,...,
UI2/phase14,
UI3/phase1,...,
UI3/phase14.
For E1, short haul applications the CS61581 di-
vides the 488 ns UI into 12 uniform phases (40.7 ns
each), and will ignore the phase amplitude informa-
tion written for phases 13 and 14 of each UI.
For DSX-1 and DS1 applications, the CS61581 di-
vides the 648 ns UI into 13 uniform phases (49.8 ns
each), and will ignore the phase amplitude informa-
tion written for phase 14 of each UI.
For E1 long haul applications, the CS61581 divides
the 648 ns UI into 14 uniform phases (46.3 ns
each), and uses the phase information written for
all 14 phases of each UI.
When transmitting pulses, the CS61581 will add
the amplitude information from the prior two sym-
bols with the amplitude of the first UI of the current
symbol before outputting a signal on TTIP/TRING.
Therefore, a mark preceded by two spaces will be
output exactly as the mark is programmed. Howev-
er, when one mark is preceded by marks, the first
portion of the last mark may be modified. With
AMI data, where successive pulses have opposite
polarity, the undershoot tail of one pulse will cause
the rising edge of the next mark to rise more quick-
ly, as shown in Figure 14.
The amplitude of each phase is described by a 7-bit,
two’s compliment number, where a positive value
describes pulse amplitude, and a negative value de-
scribes pulse undershoot. The positive full value is
0x3F. The negative full value is 0x40. For T1, the
typical output voltage is 38 mV/LSB. For E1 coax,
the typical output voltage is 22 mV/LSB. For E1
shielded twisted pair, the typical output voltage is
E1 Arbitrary Waveform Example
DSX-1 (54% duty cycle) Arbitrary Waveform Example
DS-1 (50% duty cycle) Arbitrary Waveform Example
Figure 13. Phase Definition of Arbitrary Waveforms
CS61581
24
DS211F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com