Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61581 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS61581
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS61581 Datasheet HTML 21Page - Cirrus Logic CS61581 Datasheet HTML 22Page - Cirrus Logic CS61581 Datasheet HTML 23Page - Cirrus Logic CS61581 Datasheet HTML 24Page - Cirrus Logic CS61581 Datasheet HTML 25Page - Cirrus Logic CS61581 Datasheet HTML 26Page - Cirrus Logic CS61581 Datasheet HTML 27Page - Cirrus Logic CS61581 Datasheet HTML 28Page - Cirrus Logic CS61581 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
CS61581
DS211PP8
25
27 mV/LSB. All voltages are peak voltages across
the TTIP and TRING outputs.
On the secondary of a 1:2 step-up transformer, the
mV/LSB is twice the values stated above. Note that
although the full scale digital input is 3F, it is rec-
ommended that full scale output voltage on the
transformer primary be limited to 2.4 V peak. At
higher output voltages, the driver may not drive the
requested output voltage.
Writing the arbitrary waveform RAM requires a
deviation from normal serial port access. Register
0x13 is the RAM address register for the arbitrary
waveform. Two consecutive address bytes are writ-
ten; first the Address/Command Byte is written to
address 0x13, followed by the address in RAM to
be written. This dual address is then followed by
the data byte for the waveform amplitude. There
are 42 RAM byte locations (numbered 0x00 to
0x29). Each phase amplitude is written as an eight-
bit byte, where the first phase of the symbol is writ-
ten first. The amplitude bytes are written LSB first.
Reading the Arbitrary Waveform RAM follows the
same sequence as the write, except the third mem-
ory access in the sequence is a read instead of a
write.
4.1
Power On Reset / Reset
Upon power-up, the IC is held in a static state until
the supply crosses a threshold of approximately
3 Volts. When this threshold is crossed, the device
will delay for about 10 ms to allow the power sup-
ply to reach operating voltage. After this delay, cal-
ibration of the transmit and receive sections
commences. Because power up conditions can vary
considerably, it is recommended that the device be
reset after the power supply has stabilized to ensure
a known initial operational condition.
The internal frequency generators can be calibrated
only if a reference clock is present. The reference
clock for the transmitter is provided by TCLK. The
reference for the receiver is either the crystal oscil-
lator or MCLK. If both the oscillator and MCLK
are active, MCLK will be used as the reference
source. The initial calibration should take less than
20 ms after pulses are input to the receiver.
In operation, the device is continuously calibrated,
making the performance of the device independent
of power supply or temperature variations. The
continuous calibration function forgoes any re-
quirement to reset the line interface when in opera-
tion. However, a reset function is available which
will reinitiate calibration and clear all registers and
clear the Network Loopback function.
In Host Mode, a reset is initiated by simultaneously
writing RLOOP and LLOOP to the register. The re-
set will set all registers to “0” and initiate a calibra-
tion. A reset will also set LOS high in the Short
Haul configuration.
In Hardware Mode, the CS61581 is reset by simul-
taneously setting RLOOP and LLOOP high for at
least 200 ns. Hardware reset will clear Network
Loopback functionality
Figure 14. Example of Summing of Waveforms
CS61581
DS211F1
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com