Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M04-DR Datasheet(PDF) 9 Page - STMicroelectronics

Part # M95M04-DR
Description  4-Mbit serial SPI bus EEPROM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M04-DR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M95M04-DR Datasheet HTML 5Page - STMicroelectronics M95M04-DR Datasheet HTML 6Page - STMicroelectronics M95M04-DR Datasheet HTML 7Page - STMicroelectronics M95M04-DR Datasheet HTML 8Page - STMicroelectronics M95M04-DR Datasheet HTML 9Page - STMicroelectronics M95M04-DR Datasheet HTML 10Page - STMicroelectronics M95M04-DR Datasheet HTML 11Page - STMicroelectronics M95M04-DR Datasheet HTML 12Page - STMicroelectronics M95M04-DR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
DS12179 Rev 1
9/46
M95M04-DR
Signal description
37
3
Signal description
During all operations, VCC must be held stable and within the specified valid range:
VCC(min) to VCC(max).
All of the input and output signals must be held high or low (according to voltages of VIH,
VOH, VIL or VOL, as specified in Section 9: DC and AC parameters). These signals are
described next.
3.1
Serial data output (Q)
This output signal is used to transfer data serially out of the device. Data is shifted out on the
falling edge of Serial clock (C).
3.2
Serial data input (D)
This input signal is used to transfer data serially into the device. It receives instructions,
addresses, and the data to be written. Values are latched on the rising edge of Serial clock
(C).
3.3
Serial clock (C)
This input signal provides the timing of the serial interface. Instructions, addresses, or data
present at Serial data input (D) are latched on the rising edge of Serial clock (C). Data on
Serial data output (Q) change from the falling edge of Serial clock (C).
3.4
Chip select (S)
When this input signal is high, the device is deselected and Serial data output (Q) is at high
impedance. The device is in the Standby power mode, unless an internal Write cycle is in
progress. Driving Chip select (S) low selects the device, placing it in the Active power mode.
After power-up, a falling edge on Chip select (S) is required prior to the start of any
instruction.
3.5
Hold (HOLD)
The Hold (HOLD) signal is used to pause any serial communications with the device without
deselecting the device.
During the Hold condition, the Serial data output (Q) is high impedance, and Serial data
input (D) and Serial clock (C) are Don’t care.
To start the Hold condition, the device must be selected, with Chip select (S) driven low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com