Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M04-DR Datasheet(PDF) 36 Page - STMicroelectronics

Part # M95M04-DR
Description  4-Mbit serial SPI bus EEPROM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M04-DR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M95M04-DR Datasheet HTML 32Page - STMicroelectronics M95M04-DR Datasheet HTML 33Page - STMicroelectronics M95M04-DR Datasheet HTML 34Page - STMicroelectronics M95M04-DR Datasheet HTML 35Page - STMicroelectronics M95M04-DR Datasheet HTML 36Page - STMicroelectronics M95M04-DR Datasheet HTML 37Page - STMicroelectronics M95M04-DR Datasheet HTML 38Page - STMicroelectronics M95M04-DR Datasheet HTML 39Page - STMicroelectronics M95M04-DR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
DC and AC parameters
M95M04-DR
36/46
DS12179 Rev 1
Table 15. AC characteristics
Test conditions specified in Table 9 and Table 10
Symbol
Alt.
Parameter
VCC ≥ 1.8 V
VCC ≥ 2.5 V
Unit
Min.
Max.
Min.
Max.
fC
fSCK Clock frequency
DC
5
DC
10
MHz
tSLCH
tCSS1 S active setup time
60
-
30
-
ns
tSHCH
tCSS2 S not active setup time
60
-
30
-
ns
tSHSL
tCS
S Deselect time
60
-
40
-
ns
tCHSH
tCSH S active hold time
60
-
30
-
ns
tCHSL
-S not active hold time
60
-
30
-
ns
tCH(1)
1. tCH + tCL must never be less than the shortest possible clock period, 1 / fC(max)
tCLH Clock high time
90
-
40
-
ns
tCL(1)
tCLL Clock low time
90
-
40
-
ns
tCLCH(2)
2. Value guaranteed by characterization, not 100% tested in production.
tRC
Clock rise time
-
2
-
2
µs
tCHCL(2)
tFC
Clock fall time
-
2
-
2
µs
tDVCH
tDSU Data in setup time
20
-
10
-
ns
tCHDX
tDH
Data in hold time
20
-
10
-
ns
tHHCH
-
Clock low hold time after HOLD not
active
60
-
30
-
ns
tHLCH
-
Clock low hold time after HOLD
active
60
-
30
-
ns
tCLHL
-
Clock low set-up time before HOLD
active
0-0-
ns
tCLHH
-
Clock low set-up time before HOLD
not active
0-0-
ns
tSHQZ(2)
tDIS
Output disable time
-
80
-
40
ns
tCLQV(3)
3. tCLQV must be compatible with tCL (clock low time): if tSU is the Read setup time of the SPI bus master, then
tCL must be equal to or greater than tCLQV + tSU.
tV
Clock low to output valid
-
80
-
40
ns
tCLQX
tHO
Output hold time
0
-
0
-
ns
tQLQH(2)
tRO
Output rise time
-
80
-
40
ns
tQHQL(2)
tFO
Output fall time
-
80
-
40
ns
tHHQV
tLZ
HOLD high to output valid
-
80
-
40
ns
tHLQZ(2)
tHZ
HOLD low to output high-Z
-
80
-
40
ns
tW
tWC
Write time
-
5(4)
4. Write time for LID instruction is 10 ms.
-5(4)
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com