Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M04-DR Datasheet(PDF) 16 Page - STMicroelectronics

Part # M95M04-DR
Description  4-Mbit serial SPI bus EEPROM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M04-DR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M95M04-DR Datasheet HTML 12Page - STMicroelectronics M95M04-DR Datasheet HTML 13Page - STMicroelectronics M95M04-DR Datasheet HTML 14Page - STMicroelectronics M95M04-DR Datasheet HTML 15Page - STMicroelectronics M95M04-DR Datasheet HTML 16Page - STMicroelectronics M95M04-DR Datasheet HTML 17Page - STMicroelectronics M95M04-DR Datasheet HTML 18Page - STMicroelectronics M95M04-DR Datasheet HTML 19Page - STMicroelectronics M95M04-DR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Instructions
M95M04-DR
16/46
DS12179 Rev 1
6
Instructions
Each command is composed of bytes (MSBit transmitted first), initiated with the instruction
byte, as summarized in Table 4.
If an invalid instruction is sent (one not contained in Table 4), the device automatically enters
in a Wait state until deselected.
For read and write commands to memory array and Identification page the address is
defined by three bytes as explained in Table 5.
Table 4. Instruction set
Instruction
Description
Instruction
format
WREN
Write enable
0000 0110
WRDI
Write disable
0000 0100
RDSR
Read Status register
0000 0101
WRSR
Write Status register
0000 0001
READ
Read from Memory array
0000 0011
WRITE
Write to Memory array
0000 0010
RDID
Read Identification page
1000 0011
WRID
Write Identification page
1000 0010
RDLS
Reads the Identification page lock status
1000 0011
LID
Locks the Identification page in read-only mode
1000 0010
Table 5. Significant bits within the address bytes(1) (2)
Instruction
Upper address byte
Middle address byte
Lower address byte
READ
or WRITE
X X X X X A18 A17 A16 A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
RDID
or WRID
X X X X X
X
X
X
X
X
X
X
X
0
X
A8A7A6 A5A4A3 A2A1A0
RDLS
or LID
X X X X X
X
X
X
X
X
X
X
X
1
XXX
XXX
XXX
X
1. A: Significant address bit
2. x: bit is Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com