| Electronic Components Datasheet Search |
|
M95M04-DR Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95M04-DR Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 46 page ![]() Instructions M95M04-DR 22/46 DS12179 Rev 1 The protection features of the device are summarized in Table 7. When the Status register Write Disable (SRWD) bit in the Status register is 0 (its initial delivery state), it is possible to write to the Status register (provided that the WEL bit has previously been set by a WREN instruction), regardless of the logic level applied on the Write protect (W) input pin. When the Status register Write Disable (SRWD) bit in the Status register is set to 1, two cases should be considered, depending on the state of the Write protect (W) input pin: • If Write protect (W) is driven high, it is possible to write to the Status register (provided that the WEL bit has previously been set by a WREN instruction). • If Write protect (W) is driven low, it is not possible to write to the Status register even if the WEL bit has previously been set by a WREN instruction. (Attempts to write to the Status register are rejected, and are not accepted for execution). As a consequence, all the data bytes in the memory area, which are Software-protected (SPM) by the Block protect (BP1, BP0) bits in the Status register, are also hardware-protected against data modification. Regardless of the order of the two events, the Hardware-protected mode (HPM) can be entered by: • either setting the SRWD bit after driving the Write protect (W) input pin low, • or driving the Write protect (W) input pin low after setting the SRWD bit. Once the Hardware-protected mode (HPM) has been entered, the only way of exiting it is to pull high the Write protect (W) input pin. If the Write protect (W) input pin is permanently tied high, the Hardware-protected mode (HPM) can never be activated, and only the Software-protected mode (SPM), using the Block protect (BP1, BP0) bits in the Status register, can be used. Table 7. Protection modes W signal SRWD bit Mode Write protection of the Status register Memory content Protected area(1) 1. As defined by the values in the Block protect (BP1, BP0) bits of the Status register. See Table 3. Unprotected area(1) 10 Software- protected (SPM) Status register is writable (if the WREN instruction has set the WEL bit). The values in the BP1 and BP0 bits can be changed. Write-protected Ready to accept Write instructions 00 11 01 Hardware- protected (HPM) Status register is Hardware write-protected. The values in the BP1 and BP0 bits cannot be changed. Write-protected Ready to accept Write instructions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |