Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M04-DR Datasheet(PDF) 32 Page - STMicroelectronics

Part # M95M04-DR
Description  4-Mbit serial SPI bus EEPROM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M04-DR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M95M04-DR Datasheet HTML 28Page - STMicroelectronics M95M04-DR Datasheet HTML 29Page - STMicroelectronics M95M04-DR Datasheet HTML 30Page - STMicroelectronics M95M04-DR Datasheet HTML 31Page - STMicroelectronics M95M04-DR Datasheet HTML 32Page - STMicroelectronics M95M04-DR Datasheet HTML 33Page - STMicroelectronics M95M04-DR Datasheet HTML 34Page - STMicroelectronics M95M04-DR Datasheet HTML 35Page - STMicroelectronics M95M04-DR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Maximum ratings
M95M04-DR
32/46
DS12179 Rev 1
8
Maximum ratings
Stressing the device outside the ratings listed in Table 8 may cause permanent damage to
the device. These are stress ratings only, and operation of the device at these, or any other
conditions outside those indicated in the operating sections of this specification, is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 8. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TAMB
Ambient operating temperature
–40
130
°C
TSTG
Storage temperature
–65
150
TLEAD
Lead temperature during soldering
See note (1)
1. Compliant with JEDEC standard J-STD-020D (for small-body, Sn-Pb or Pb free assembly), the ST
ECOPACK 7191395 specification, and the European directive on Restrictions on Hazardous Substances
(RoHS directive 2011/65/EU of July 2011).
VO
Output voltage
–0.50
VCC + 0.6
V
VI
Input voltage
–0.50
6.5
VCC
Supply voltage
–0.50
6.5
IOL
DC output current (Q = 0)
-
5
mA
IOH
DC output current (Q = 1)
-
5
VESD
Electrostatic discharge voltage (human body model)(2)
2. Positive and negative pulses applied on different combinations of pin connections, according to
AEC-Q100-002 (compliant with ANSI/ESDA/JEDEC JS-001-2012, C1 = 100 pF, R1 = 1500 Ω,
R2 = 500 Ω).
-
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com