Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M04-DR Datasheet(PDF) 29 Page - STMicroelectronics

Part # M95M04-DR
Description  4-Mbit serial SPI bus EEPROM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M04-DR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M95M04-DR Datasheet HTML 25Page - STMicroelectronics M95M04-DR Datasheet HTML 26Page - STMicroelectronics M95M04-DR Datasheet HTML 27Page - STMicroelectronics M95M04-DR Datasheet HTML 28Page - STMicroelectronics M95M04-DR Datasheet HTML 29Page - STMicroelectronics M95M04-DR Datasheet HTML 30Page - STMicroelectronics M95M04-DR Datasheet HTML 31Page - STMicroelectronics M95M04-DR Datasheet HTML 32Page - STMicroelectronics M95M04-DR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
DS12179 Rev 1
29/46
M95M04-DR
Instructions
37
6.10
Lock ID
The Lock ID instruction permanently locks the Identification page in read-only mode. Before
this instruction can be accepted, a Write enable (WREN) instruction must have been
executed.
The Lock ID instruction is issued by driving Chip select (S) low, sending the instruction code,
the address and a data byte on Serial data input (D), and driving Chip select (S) high. In the
address sent, A10 must be equal to 1, all other address bits are Don't Care. The data byte
sent must be equal to the binary value xxxx xx1x, where x = Don't Care.
Chip select (S) must be driven high after the rising edge of Serial clock (C) that latches in
the eighth bit of the data byte, and before the next rising edge of Serial clock (C). Otherwise,
the Lock ID instruction is not executed.
Driving Chip select (S) high at a byte boundary of the input data triggers the self-timed write
cycle whose duration is tW (as specified in AC characteristics in Section 9: DC and AC
parameters). The instruction sequence is shown in Figure 18.
The instruction is discarded, and is not executed, under the following conditions:
•
If a Write cycle is already in progress
•
If Block protect bits (BP1,BP0) = (1,1)
•
If a rising edge on Chip select (S) happens outside of a byte boundary
•
If the identification is already locked.
Figure 18. Lock ID sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com