Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M04-DR Datasheet(PDF) 19 Page - STMicroelectronics

Part # M95M04-DR
Description  4-Mbit serial SPI bus EEPROM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M04-DR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M95M04-DR Datasheet HTML 15Page - STMicroelectronics M95M04-DR Datasheet HTML 16Page - STMicroelectronics M95M04-DR Datasheet HTML 17Page - STMicroelectronics M95M04-DR Datasheet HTML 18Page - STMicroelectronics M95M04-DR Datasheet HTML 19Page - STMicroelectronics M95M04-DR Datasheet HTML 20Page - STMicroelectronics M95M04-DR Datasheet HTML 21Page - STMicroelectronics M95M04-DR Datasheet HTML 22Page - STMicroelectronics M95M04-DR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
DS12179 Rev 1
19/46
M95M04-DR
Instructions
37
6.3
Read Status register (RDSR)
The Read Status register (RDSR) instruction is used to read the Status register. The Status
register may be read at any time, even while a Write or Write Status register cycle is in
progress. When one of these cycles is in progress, it is recommended to check the Write in
progress (WIP) bit before sending a new instruction to the device. It is also possible to read
the Status register continuously, as shown in Figure 10.
Figure 10. Read Status register (RDSR) sequence
The status and control bits of the Status register are detailed in the following subsections.
6.3.1
WIP bit
The WIP bit (Write In Progress) is a read-only flag that indicates the Ready/Busy state of the
device. When a Write command (WRITE, WRSR, WRID, LID) has been decoded and a
Write cycle (tW) is in progress, the device is busy and the WIP bit is set to 1. When WIP = 0
the device is ready to decode a new command.
During a Write cycle, reading continuously the WIP bit allows to detect when the device
becomes ready (WIP = 0) to decode a new command.
6.3.2
WEL bit
The WEL bit (Write enable latch) bit is a flag that indicates the status of the internal Write
enable latch. When WEL is set to 1, the Write instructions (WRITE, WRSR, WRID, LID) are
executed; when WEL is set to 0, any decoded Write instruction is not executed.
The WEL bit is set to 1 with the WREN instruction. The WEL bit is reset to 0 after the
following events:
•
Write disable (WRDI) instruction completion
•
Write instructions (WRITE, WRSR, WRID, LID) completion including the write cycle
time tW
•
Power-up
6.3.3
BP1, BP0 bits
The Block protect (BP1, BP0) bits are non volatile. They define the size of the area to be
software-protected against Write instructions. These bits are written with the Write Status
register (WRSR) instruction. When one or both of the Block protect (BP1, BP0) bits is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com