Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83261AVF Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 18Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 19Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 20Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 21Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 22Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 23Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 24Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 25Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 132 page
background image
50 Functional Description (Continued)
by setting bit FunctionBCN to One Entry to the Claim State
can be forced by setting bit FunctionCLM to One
While in the Claim or Beacon state the Ring Engine will
transmit internally generated Claim or Beacon frames ex-
cept when an Immediate Claim or Beacon request is pres-
ent at the MA
Request Interface
signal RQCLM or
RQBCN is asserted and a frame is ready to be transmitted
At least one internally generated Claim or Beacon frame
must be transmitted before an Immediate Claim or Beacon
request is serviced It is possible for the internally generated
frame to return before the end of the requested frame has
been transmitted To allow time for the requested frame(s)
to be transmitted before leaving the Claim or Beacon state
bit ITR (for Claim) or bit IRR (for Beacon) of the Option
Register should be set to One
While an Immediate request is being serviced (from any
state) if bit IRPT of the Option Register is set to One (Inhibit
Repeat option) all received frames (except Lower
Claim
and My
Beacon frames) are ignored and the Immediate
request continues Lower
Claim and My
Beacon frames
can also be ignored by setting bit IRR of the Option Regis-
ter
510 FULL DUPLEX OPERATION
The BMAC device supports full duplex operation by
1 Suspending the Token Management and Token Recov-
ery protocols (set OptionIRR)
2 Inhibiting the repetition of all PDUs (set OptionIRPT)
3 Using the Immediate Service Class
Frames of any size may be transmitted or received subject
to the minimum length specified in Section 54
511 PARITY PROCESSING
The BMAC device contains five data interfaces as shown in
Table 5-6
Through Parity is supported on the internal data paths be-
tween any Request interface and any Indicate interface
Odd Parity is provided every clock on all data outputs and is
checked every clock on all data inputs Parity errors are not
propagated through the BMAC device (from the MAC Re-
quest and PHY Indication interface to the PHY Request in-
terface or from the PHY Indication interface to the MAC
Indication interface) Parity errors are isolated and resolved
When parity is not used on an Interface the parity provided
by the BMAC device for its outputs may be ignored For the
BMAC device’s inputs the result of the parity check is used
only if parity on that Interface is enabled
Interface parity is enabled by setting the appropriate bit in
the Mode register ModeCBP for Control Bus Parity Mo-
dePIP for PHY Indication parity and ModeMRP for MAC
Request Parity A Master Reset (Function MARST) disables
parity on all interfaces
On the PHY Request interface parity is generated for inter-
nally sourced fields (such as the SA or FCS on frames when
not using SA or FCS transparency and internally generated
Beacon Claim and Void frames) In REV 1 of the BMAC
device MRP is passed transparently to PRP for externally
sourced fields independent of the value of the ModeMRP
In all later revisions correct Odd parity is always generated
for PRP This allows through parity support at the PHY inter-
face even if parity is not used at the MAC interface This is
very desirable since every byte of data that traverses the
ring travels across the PHY Interface which is actually part
of the ring
Through parity is not supported in the Control Interface Reg-
isters and the Parameter RAM Parity is generated and
stripped at the Control Interface
Handling Parity Errors
Parity errors are reported in the Exception Status Register
when parity on that interface is enabled
A parity error at the PHY interface (when ModePIP is set) is
treated as a code violation and ESRPPE is set If the parity
error occurs in the middle of a PDU (token or frame) recep-
tion
the PDU is stripped
a Format Error is signaled
(FOERROR) and the Lost Count is incremented
A parity error at the MAC Interface (when ModeMRP is set)
during a frame transmission from the MAC interface (while
TXACK is asserted) causes the frame transmission to be
aborted When a frame is aborted a Void frame is transmit-
ted to reset every station’s TVX timer A parity error (when
enabled) causes ESRMPE to be set
A parity error at the Control Interface (when ModeCBP is
set) will cancel the current write access ESRCPE is set to
indicate that a parity error occurred and ESRCCE is set to
indicate that the write was not performed
TABLE 5-6 BMAC Device Parity
Interface
Parity
Parity
Direction
On
MAC Request Interface
MRD(70)
MRP
I
MAC Indication Interface
MID(70)
MIP
O
PHY Request Interface
PRD(70)
PRP
O
PRC
PHY Indication Interface
PID(70)
PIP
I
PIC
Control Interface
CBD(70)
CBP
IO
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com