Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83261AVF Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 66Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 67Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 68Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 69Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 70Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 71Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 72Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 73Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 132 page
background image
60 Control Information (Continued)
Late Count (LTCT)
The Late Count Counter (LTCT) is implemented differently than suggested by the FDDI MAC Standard but provides similar
information The function of the Late Count Counter is divided between the Late
Flag and a separate counter The Late
Flag
is equivalent to the Standard Late Count with a non-zero value It is maintained by the Ring Engine to indicate if it is possible to
send asynchronous traffic When the ring is operational Late Count indicates the time it took the ring to recover the last time the
ring went non-operational When the ring is non-operational Late Count indicates the time it has taken (so far) to recover the
ring
Late Count is provided to assist Station Management in the isolation of serious ring errors In many situations it is helpful for
SMT to know how long it has been since the ring went non-operational in order to determine if it is necessary to invoke recovery
procedures When the ring becomes non-operational there is no way to know how long it will stay non-operational therefore a
timer is necessary If the Late Count Counter is not provided SMT would be forced to start a timer every time the ring goes non-
operational even though it may seldom be used By using the provided Late Count Counter an SMT implementation may be able
to alleviate this additional overhead
Late Count is incremented every time TRT expires while the ring is non-operational and Late
Flag is set (once every TMAX)
This counter is never writable not even in Stop Mode The counter is set to Zero as a result of a MAC Reset when a Beacon or
Claim Request is not also present (FunctionMCRST is set and FunctionBCN and FunctionCLM are not set) and every time the
ring becomes non-operational The Late Count Counter is a sticky counter at 15
Events reported in the Token and Timer Event Latch Register (TELRCBERR TELRTRTEXP) can be used to determine that
Late Count Counter has incremented No overflow event is provided
ACCESS RULES
Address
Read
Write
9Fh
Always
na
D7
D6
D5
D4
D3
D2
D1
D0
LTCT
Zero
Zero
Zero
Zero
CT3
CT2
CT1
CT0
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com