| Electronic Components Datasheet Search |
|
DP83261AVF Datasheet(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83261AVF Datasheet(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 132 page ![]() 20 Architectural Description (Continued) 21 RING ENGINE The BMAC device is operated by the Ring Engine which is comprised of four blocks Receiver Transmitter MAC Pa- rameter RAM and CountersTimers as shown in Figure 2-2 211 Receiver The Receiver Block accepts data from the PLAYER device in the byte stream format (PH Indicate) Upon receiving the data the Receiver Block performs the following functions Determines the beginning and ending of a Protocol Data Unit (PDU) Decodes the Frame Control field to determine the PDU type (frame or token) Compares the received Destination and Source Address- es with the internal addresses Processes data within the frame Calculates and checks the Frame Check Sequence at the end of the frame Checks the Frame Status field And finally the Receiver Block presents the data to the MAC Interface along with the appropriate control signals (MA Indicate) 212 Transmitter The Transmitter Block inserts frames from this station into the ring in accordance with the FDDI Timed Token MAC protocol It also repeats frames from other stations in the ring The Transmitter block multiplexes data from the MA Request Interface and data from the Receiver Block During Frame Transmission data from the Request Interface is se- lected During Frame Repeating data from the Receiver Block is selected During Frame Transmission the Transmitter Block performs the following functions Captures a token to gain the right to transmit Transmits one or more frames Generates the Frame Check Sequence during transmis- sion and appends it at the end of the frame Generates the Frame Status field that is transmitted at the end of the frame Issues the token at the end of frame transmission During Frame Repeating the Transmitter Block performs the following functions Repeats the received frame and modifies the Frame Status field at the end of the frame as specified by the standard Whether transmitting or repeating frames the Transmitter Block also performs the following functions Strips the frame(s) that are transmitted by this station Generates Idle symbols between frames Data is presented from the Transmitter Block to the PLAYER device in the byte stream format (PH Request) 213 MAC Parameter RAM The MAC Parameter RAM block is a dual port RAM that contains MAC parameters such as the station’s short and long addresses These parameters are initiallzed via the Control Interface Both the Receiver and Transmitter Blocks may access the RAM TLF10387 – 4 FIGURE 2-2 Ring Engine Overview Block Diagram 5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |