Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83261AVF Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 23Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 24Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 25Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 26Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 27Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 28Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 29Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 30Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 132 page
background image
60 Control Information (Continued)
Mode Register (Mode)
The Mode Register (Mode) contains the current mode of the BMAC device
ACCESS RULES
Address
Read
Write
00h
Always
Always
REGISTER BITS
D7
D6
D5
D4
D3
D2
D1
D0
DIAG
ILB
RES
RES
PIP
MRP
CBP
RUN
Bit
Symbol
Description
D0
RUN
RUNStop
0 Stop Mode
All state machines return to and remain in their zero state All counters and timers are disabled The Ring
Engine transmits Idle symbols
1 Run Mode Must be in Run Mode to achieve an operational Ring
D1
CBP
Control Bus Parity
Enables Odd Parity checking on the Control Bus Data pins (CBD7 – 0) during write
accesses
If a parity error occurs the CPE bit of the Exception Status Register is set to One and an interrupt is
generated The write data will not be deposited in the register Parity is always generated on CBD7 – 0 during
read accesses
D2
MRP
MAC Request Parity
Enables Odd Parity checking on the MAC Request Data pins (MRD7 – 0) A parity
error causes the transmission to be aborted In REV 1 of the BMAC device MIP is always passed
transparently from PIP In all later revisions correct Odd parity is always generated on MIP
D3
PIP
PHY Indicate Parity
Enables Odd Parity checking on the PHY Indicate Data pins (PID7 – 0) Parity errors
are treated as code violations and cause the byte in error to be replaced with Idle symbols In REV 1 of the
BMAC device Parity is passed transparently between MRP and PRP during transmission When repeating
Parity is passed transparently from PIP to PRP Odd Parity is generated for all internally generated fields In
all later revisions correct Odd Parity is always generated on the PHY Request Data pins (PRD7 – 0)
D4 – 5
RES
Reserved
D6
ILB
Internal Loopback
Enables the internal loopback that connects PRP PRC and PRD7 – 0 to PIP PIC and
PID7 – 0 respectively When enabled the PHY Indicate Interface is ignored
Since the Ring Engine Transmitter and Receiver work as independent processes a ring can be made
operational in this mode albeit consisting only of a single MAC With an operational ring many diagnostic
tests can be performed to test out MAC level and system level diagnostics including the Beacon Process
the Claim Process Ring Engine frame generation token timers event counters transmission options test
of event detection capabilities test of addressing modes test of state machine sequencing options etc In
addition a large portion of the system interface logic can be tested such as full duplex transmission to self
within the limits of the system interface performance constraints status handling and generation etc
The same system tests can also be performed at different levels of loopback including through the various
paths within a station through the PMD interface of the PLAYER device and through the CRD device
System level tests can also be performed through the ring during normal operation
D7
DIAG
Diagnose Mode
Enables access to all BMAC device registers When set interoperability is not
guaranteed This bit should only be set when the BMAC device is not inserted in a ring
In diagnose mode should an internal error occur the Current Receive and Transmit Status Registers are
frozen with the errored state until the internal state machine error condition is cleared (IELRRSMERR
andor IELRTSMERR)
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com