Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83261AVF Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 28Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 29Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 30Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 31Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 32Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 33Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 34Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 35Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 132 page
background image
60 Control Information (Continued)
64 EVENT REGISTERS
The Event Registers record the occurrence of events or
series of events Events are recorded and contribute to gen-
erating the Interrupt signal There is a two-level hierarchy in
generating this signal
At the first level of the hierarchy events are recorded as bits
in the Latch Registers (eg
Ring Event Latch Registers
Counter Increment Latch Register) Each Latch Register
has a corresponding Mask Register (eg Ring Event Mask
Registers Counter Increment Mask Register) When a bit in
the Latch Register is set to One and its corresponding bit in
the Mask Register is also set to One a bit in the Interrupt
Condition Register is set to One
At the second level of the hierarchy if a bit in the Interrupt
Condition Register is set to One and the corresponding bit
in the Interrupt Mask Register is set to One the Interrupt
signal is asserted
Bits in Conditional Write Registers (eg Ring Event Latch
Registers) are only written when the corresponding bits in
the Compare Register are equal to bits to be overwritten
Servicing Interrupts
In the process of servicing an interrupt a Management Enti-
ty may use one or both levels of condition masks to disable
new interrupts while one is being serviced Soon after the
Management Entity has processed the interrupt to some ex-
tent it is ready to rearm the interrupt in order to be notified
of the next condition
The Interrupt Control Register always contains the merged
output of the masked Condition Registers as shown in
Fig-
ure 6-1 It is only possible to remove a condition by setting
the corresponding Condition Latch Register bit to Zero By
storing the events on-chip and having the ability to selec-
tively set bits to Zero the need for the software to maintain
a copy of the Event Registers is alleviated
To prevent the overwriting and consequent missing of
events an interlock mechanism is used In the period be-
tween the Read of a Condition Latch Register and the cor-
responding Write to reset the condition additional events
can occur
In order to prevent software from overwriting bits which
have changed since the last read and losing interrupt
events a conditional write mechanism is employed Only bits
that have not changed since the last read can be written to
a new value
Whenever a Condition Latch Register is read its contents
are stored in the Compare Register Each bit of the Com-
pare Register is compared with the current contents of the
Register that is to be written Writing a bit with a new value
to a Condition Register is only possible when the corre-
sponding bit in the Compare Register matches the bit in the
Condition Register For any bit that has not changed the
new value of the bit is written into the Register For any bit
that has changed the writing of the bit is inhibited The fact
that an attempt was made to change a modified bit in the
Register is latched in the Condition Write Inhibit bit in the
Exception Status Register (ESRCWI)
In the BMAC device the Compare Register is shared by all
of the Condition Latch Registers and always reflects the
most recent read of one of these registers
(In the
DP832515 PLAYER Device there is a Compare Register
for every Event Register) For the cases where more than
one register must be read before writing a new value the
software may write the Compare Register with the most re-
cently read value before writing the register again Alterna-
tively the register may be read again before being written
The Event Registers include the following registers as
 Compare Register (CMP)
 Current Receiver Status Register (CRS0)
 Current Transmitter Status Register (CTS0)
 Ring Event Latch Registers (RELR0–1)
 Ring Event Mask Registers (REMR0–1)
 Token and Timer Event Latch Register (TELR0)
 Token and Timer Event Mask Register (TEMR0)
 Counter Increment Latch Register (CILR)
 Counter Increment Mask Register (CIMR)
 Counter Overflow Latch Register (COLR)
 Counter Overflow Mask Register (COMR)
 Internal Event Latch Register (IELR)
 Exception Status Register (ESR)
 Exception Mask Register (EMR)
 Interrupt Condition Register (ICR)
 Interrupt Mask Register (IMR)
TLF10387 – 7
FIGURE 6-1 Event Registers Hierarchy
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com