| Electronic Components Datasheet Search |
|
DP83261AVF Datasheet(PDF) 52 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83261AVF Datasheet(HTML) 52 Page - National Semiconductor (TI) |
|
52 / 132 page ![]() 60 Control Information (Continued) 652 Group Addresses The Ring Engine supports detection of Group Addresses within programmable and fixed blocks of consecutive addresses The algorithm used by the Ring Engine first performs a comparison between the most significant bits of the received DA with programmable and fixed addresses If the most significant bits match the remaining bits are used as an index into a programma- ble bit map If the indexed bit is 1 the A Flag is set to 1 if the indexed bit is 0 the A flag remains 0 One programmable block of 128 group addresses is supported for group long addresses (GLA) and one programmable block of group addresses is supported for group short addresses (GSA) Both of the programmable ranges share the same programma- ble group address map (PGM) For short addresses the first byte of a received DA is compared with GSA0 (bits GSA(15 – 8)) If they match then the second byte is used as an index into the PGM For long addresses the first 5 bytes of a received DA are compared with GLA0 through GLA4 (bits GLA(47 – 8)) If all 5 of these bytes match the corresponding byte in the received DA then the 6th byte of the received DA is used as an index into the PGM The last byte of the address is used as an index into the PGM in both long and short group addressing A fixed block of 16 group addresses is supported for both long and short addresses at the end of the address space that includes the UniversalBroadcast address (FFFF) For short addresses if the first 12 bits of the received DA are all 1’s then the last 4 bits are used as an index into the 16-bit Fixed Group Map (FGM) Similarly for long addresses if the first 44 bits are all 1’s the last 4 bits are also used as an index into the 16-bit FGM The Group Addresses should be valid for at least 12 byte times before the Addressing Mode is enabled and should remain valid for at least 12 byte times after the Addressing Mode is disabled in order to guarantee proper detection Bits ELA (Enable Long Addressing) and ESA (Enable Short Addressing) in the Option Register determine the address types that will be recognized by this MAC Alternative group addressing schemes may be implemented using external matching logic that monitors the byte stream at the PHY Interface The result of the comparison is returned using the EA (External A Flag) pin Group Long Address Group Long Address (GLA0 – GLA4) represents the first 5 bytes of the long address bit GLA(47) to bit GLA(8) To disable Long Group Address matches bits GLA(46 – 8) should be set to all 1’s ACCESS RULES Address Read Write 48 – 4Ch Stop Mode Stop Mode D7 D6 D5 D4 D3 D2 D1 D0 GLA0 GLA(47) GLA(46) GLA(45) GLA(44) GLA(43) GLA(42) GLA(41) GLA(40) GLA1 GLA(39) GLA(38) GLA(37) GLA(36) GLA(35) GLA(34) GLA(33) GLA(32) GLA2 GLA(31) GLA(30) GLA(29) GLA(28) GLA(27) GLA(26) GLA(25) GLA(24) GLA3 GLA(23) GLA(22) GLA(21) GLA(20) GLA(19) GLA(18) GLA(17) GLA(16) GLA4 GLA(15) GLA(14) GLA(13) GLA(12) GLA(11) GLA(10) GLA(9) GLA(8) Note Bit GLA(47) should always be set to ONE 52 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |