Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

845GL Datasheet(PDF) 71 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 71 Page - Intel Corporation

Back Button 845GL Datasheet HTML 67Page - Intel Corporation 845GL Datasheet HTML 68Page - Intel Corporation 845GL Datasheet HTML 69Page - Intel Corporation 845GL Datasheet HTML 70Page - Intel Corporation 845GL Datasheet HTML 71Page - Intel Corporation 845GL Datasheet HTML 72Page - Intel Corporation 845GL Datasheet HTML 73Page - Intel Corporation 845GL Datasheet HTML 74Page - Intel Corporation 845GL Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
71
Register Description
3.5.1.28
APSIZE—Aperture Size Register (Device 0)
Address Offset:
B4h
Default Value:
00h
Access:
RO, R/W
Size:
8 bits
This register determines the effective size of the Graphics Aperture used for a particular GMCH
configuration. This register can be updated by the GMCH-specific BIOS configuration sequence
before the PCI standard bus enumeration sequence takes place. If the register is not updated then a
default value will select an aperture of maximum size (i.e., 256 MB). The size of the table that will
correspond to a 256-MB aperture is not practical for most applications and therefore these bits
must be programmed to a smaller practical value that will force adequate address range to be
requested via APBASE register from the PCI configuration software.
3.5.1.29
ATTBASE—Aperture Translation Table Register (Device 0)
Address Offset:
B8–BBh
Default Value:
00000000h
Access:
Read Only, Read/Write
Size:
32 bits
This register provides the starting address of the Graphics Aperture Translation Table Base located
in the main SDRAM. This value is used by the GMCH’s Graphics Aperture address translation
logic (including the GTLB logic) to obtain the appropriate address translation entry required during
the translation of the aperture address into a corresponding physical SDRAM address. The
ATTBASE register may be dynamically changed.
Bit
Description
7:6
Reserved.
5:0
Graphics Aperture Size (APSIZE.
Each bit in APSIZE[5:0] operates on similarly ordered bits in
APBASE[27:22] of the Aperture Base configuration register. When a particular bit of this field is 0 it
forces the similarly ordered bit in APBASE[27:22] to behave as hardwired to 0. When a particular bit
of this field is set to 1 it allows corresponding bit of the APBASE[27:22] to be read/write accessible.
Default The default value (APSIZE[5:0]=000000b) forces the default APBASE[27:22] to read as
000000b (i.e. all bits respond as hardwired to 0). This provides the maximum aperture size of
256 MB. As another example, programming APSIZE[5:0] to 111000b hardwires APBASE[24:22] to
000b and enables APBASE[27:25] to be read/write programmable.
000000 = 256-MB Aperture Size
100000 = 128-MB Aperture Size
110000 = 64-MB Aperture Size
111000 = 32-MB Aperture Size
111100 = 16-MB Aperture Size
111110 = 8-MB Aperture Size
111111 = 4-MB Aperture Size
Bit
Description
31:12
Aperture Translation Table Base (TTABLE).
This field contains a pointer to the base of the
translation table used to map memory space addresses in the aperture range to addresses in main
memory.
NOTE:
This field should be modified only when the GTLB has been disabled.
11:0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com