Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

845GL Datasheet(PDF) 11 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 11 Page - Intel Corporation

Back Button 845GL Datasheet HTML 7Page - Intel Corporation 845GL Datasheet HTML 8Page - Intel Corporation 845GL Datasheet HTML 9Page - Intel Corporation 845GL Datasheet HTML 10Page - Intel Corporation 845GL Datasheet HTML 11Page - Intel Corporation 845GL Datasheet HTML 12Page - Intel Corporation 845GL Datasheet HTML 13Page - Intel Corporation 845GL Datasheet HTML 14Page - Intel Corporation 845GL Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH
Datasheet
11
Intel® 82845G GMCH Features
I Host Interface Support
• One processor in a mPGA478 package
• Hyper-Threading Technology support
• 400/533 MHz PSB (100/133 MHz bus clock)
• PSB Dynamic Bus Inversion on the data bus
• 32-bit addressing for access to 4 GB of memory space
• 8 deep In Order Queue
• AGTL+ On-die Termination
I System Memory Controller (SDR and DDR)
— One, 64-bit wide SDR or DDR SDRAM data channel
— Bandwidth up to 1 GB/s (SDR), and 2.1 GB/s (DDR266)
— Configurable to support either a DDR board or an SDR
board
— 64-Mb, 128-Mb, 256-Mb, and 512-Mb SDRAM
technologies
— Supports only x8 and x16 SDRAM devices with four
banks
— Unbuffered, unregistered 184-pin non-ECC DDR
SDRAM DIMMs only
— Opportunistic refresh
— Up to 16, simultaneously open pages
— SPD (Serial Presence Detect) scheme for DIMM
detection
— Suspend-to-RAM support using CKE
— Double Data Rate (DDR) SDRAM Configuration
- Up to 2.0 GB of 200 MHz or 266 MHz DDR SDRAM
- Two DDR DIMMs, single-sided and/or double-sided
- DDR200/266 unregistered, 184-pin non-ECC DDR
SDRAM DIMMs
- JEDEC DDR DIMM specification configurations only
- Does not support double-sided x16 DDR DIMMs
- Selective Command-Per-Clock (selective CPC)
accesses.
— Single Data Rate (SDR) SDRAM Configuration
- Up to 2.0 GB of 133 MHz SDR SDRAM
- Up to two SDR DIMMs, single-sided and/or
double-sided
- PC133 unregistered 168-pin non-ECC SDR SDRAM
DIMMs
- Does not support PC100
- Mixed-mode/uneven double-sided SDR DIMMs
not supported
- 3.3 V SDR DIMM configurations only
I AGP Interface
— Supports a single 1.5 V Accelerated Graphics Port
Interface, Specification 2.0-compliant device
— Supports 1X/2X/4X data transfers and 2X/4X Fast
Writes
— 32-deep AGP request queue
— AGP signals muxed with two Intel® DVO ports:
Supports ADD cards
I Integrated Graphics
— Core Frequency of 200 MHz
— 3D Setup and Render Engine
- Discrete Triangles, Strips and Fans Support
- Indexed Vertex and Flexible Vertex Formats
- Pixel Accurate Fast Scissoring and Clipping Operation
- Backface Culling Support
- Supports D3D and OGL Pixelization Rules
- Anti-Aliased Lines Support
- Sprite Points Support
— High Quality Texture Engine (see Section 1.4.5)
— 3D Graphics Rasterization Enhancements (see
Section 1.4.5)
— 2D Graphics (see Section 1.4.5)
— Video DVD/PC-VCR (see Section 1.4.5)
— Video Overlay (see Section 1.4.5)
I Analog Display Support
— 350 MHz Integrated 24-bit RAMDAC
— Up to 2048x1536 at 60 Hz refresh
— Hardware Color Cursor Support
— DDC2B Compliant Interface
I Digital Display Channels
— Two channels multiplexed with AGP
— 165 MHz dot clock on each 12-bit interface
— Can combine two, 12-bit channels to form one 24-bit
interface: Supports flat panels up to 2048x1536 at 60 Hz
or dCRT/HDTV at 1920x1080 at 85 Hz
— Supports Hot Plug and Display
— Supports LVDS, TMDS transmitters or TV-out encoders
— ADD card utilizes AGP connector
— Three Display Control interfaces (I2C/DDC)
multiplexed on AGP
I Hub Interface
— Supports Hub Interface 1.5
— 266 MB/s point-to-point Hub Interface to the ICH4
— 66 MHz base clock
— 1.5 V operation
I GMCH Package
— 37.5 mm x 37.5 mm FC-BGA package with 1 mm ball
pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com