Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

845GL Datasheet(PDF) 43 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 43 Page - Intel Corporation

Back Button 845GL Datasheet HTML 39Page - Intel Corporation 845GL Datasheet HTML 40Page - Intel Corporation 845GL Datasheet HTML 41Page - Intel Corporation 845GL Datasheet HTML 42Page - Intel Corporation 845GL Datasheet HTML 43Page - Intel Corporation 845GL Datasheet HTML 44Page - Intel Corporation 845GL Datasheet HTML 45Page - Intel Corporation 845GL Datasheet HTML 46Page - Intel Corporation 845GL Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
43
Register Description
Logically, the ICH4 appears as multiple PCI devices within a single physical component also
residing on PCI bus #0. One of the ICH4 devices is a PCI-to-PCI bridge. Logically, the primary
side of the bridge resides on PCI #0 while the secondary side is the standard PCI expansion bus.
Note: A physical PCI bus #0 does not exist and that the hub interface and the internal devices in the
GMCH and ICH4 logically constitute PCI Bus #0 to configuration software.
3.3
Routing Configuration Accesses
The GMCH supports two bus interfaces: Hub interface and AGP/PCI. PCI configuration cycles are
selectively routed to one of these interfaces. The GMCH is responsible for routing PCI
configuration cycles to the proper interface. PCI configuration cycles to ICH4 internal devices and
Primary PCI (including downstream devices) are routed to the ICH4 via the hub interface. AGP/
PCI_B configuration cycles are routed to AGP. The AGP/PCI_B interface is treated as a separate
PCI bus from the configuration point of view. Routing of configuration accesses to AGP/PCI_B is
controlled via the standard PCI-to-PCI bridge mechanism using information contained within the
Primary Bus Number, the Secondary Bus Number, and the Subordinate Bus Number registers of
the corresponding PCI-to-PCI bridge device.
A detailed description of the mechanism for translating processor I/O bus cycles to configuration
cycles on one of the two buses is described in the following sections.
Figure 3-1. Conceptual Intel® 845G Chipset Platform PCI Configuration Diagram
Processor
PCI Configuration Window
in I/O Space
Intel® ICH4
Hub
Interface
Integrated
Graphics Device;
Bus #0,
Device 2
Host-to-AGP
Bridge; Bus #0,
Device 1
DRAM Control/Hub
Interface Device;
Bus #0,
Device 0
GMCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com