Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

845GL Datasheet(PDF) 51 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 51 Page - Intel Corporation

Back Button 845GL Datasheet HTML 47Page - Intel Corporation 845GL Datasheet HTML 48Page - Intel Corporation 845GL Datasheet HTML 49Page - Intel Corporation 845GL Datasheet HTML 50Page - Intel Corporation 845GL Datasheet HTML 51Page - Intel Corporation 845GL Datasheet HTML 52Page - Intel Corporation 845GL Datasheet HTML 53Page - Intel Corporation 845GL Datasheet HTML 54Page - Intel Corporation 845GL Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
51
Register Description
3.5.1.3
PCICMD
—PCI Command Register (Device 0)
Address Offset:
04–05h
Default Value:
0006h
Access:
RO, R/W
Size:
16 bits
Since GMCH Device 0 does not physically reside on PCI_A, many of the bits are not implemented.
Bit
Description
15:10
Reserved.
9
Fast Back-to-Back Enable (FB2B)—RO.
Hardwired to 0. This bit controls whether or not the master
can do fast back-to-back write. Since Device 0 is strictly a target, this bit is not implemented.
8
SERR Enable (SERRE)—R/W.
This bit is a global enable bit for Device 0 SERR messaging. The
GMCH does not have an SERR signal. The GMCH communicates the SERR condition by sending
an SERR message over HI to the ICH4.
0 = Disable. The GMCH does not generate the SERR message for Device 0.
1 = Enable. GMCH is enabled to generate SERR messages over the hub interface for specific
Device 0 error conditions that are individually enabled in the ERRCMD register. The error status
is reported in the ERRSTS and PCISTS registers.
NOTE:
This bit only controls SERR messaging for the Device 0. Devices 1has its own SERRE bits
to control error reporting for error conditions occurring on their respective devices. The
control bits are used in a logical OR manner to enable the SERR HI message mechanism.
7
Address/Data Stepping Enable (ADSTEP)—RO.
Hardwired to 0. Not implemented.
6
Parity Error Enable (PERRE)—RO.
Hardwired to 0. PERR# is not implemented by the GMCH.
5
VGA Palette Snoop Enable (VGASNOOP)—RO.
Hardwired to 0. Not implemented.
4
Memory Write and Invalidate Enable (MWIE)—RO.
Hardwired to 0. The GMCH will never issue
memory write and invalidate commands.
3
Special Cycle Enable (SCE)—RO.
Hardwired to 0. The GMCH does not implement this bit.
2
Bus Master Enable (BME)—RO.
Hardwired to 1. The GMCH is always enabled as a master on the
hub interface.
1
Memory Access Enable (MAE)—RO.
Hardwired to 1. Not implemented. The GMCH always allows
access to main memory.
0
I/O Access Enable (IOAE)—RO.
Hardwired to 0. Not implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com