Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4W1 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 57Page - Renesas Technology Corp RA4W1 Datasheet HTML 58Page - Renesas Technology Corp RA4W1 Datasheet HTML 59Page - Renesas Technology Corp RA4W1 Datasheet HTML 60Page - Renesas Technology Corp RA4W1 Datasheet HTML 61Page - Renesas Technology Corp RA4W1 Datasheet HTML 62Page - Renesas Technology Corp RA4W1 Datasheet HTML 63Page - Renesas Technology Corp RA4W1 Datasheet HTML 64Page - Renesas Technology Corp RA4W1 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 61 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
Figure 2.49
SCI simple IIC mode timing
SD An
SC Ln
VIH
VIL
P*1
S*1
tSf
tSr
tSDAH
tSDAS
tSP
P*1
Test conditions:
VIH = VCC × 0.7, VIL = VCC × 0.3
VOL = 0.6 V, IOL = 6 m A
Sr*1
(n = 0, 1, 4, 9)
Note 1.
S, P, and Sr indicate the following conditions:
S: Start condition
P: Stop condition
Sr: Restart condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com