Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4W1 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 94Page - Renesas Technology Corp RA4W1 Datasheet HTML 95Page - Renesas Technology Corp RA4W1 Datasheet HTML 96Page - Renesas Technology Corp RA4W1 Datasheet HTML 97Page - Renesas Technology Corp RA4W1 Datasheet HTML 98Page - Renesas Technology Corp RA4W1 Datasheet HTML 99Page - Renesas Technology Corp RA4W1 Datasheet HTML 100Page - Renesas Technology Corp RA4W1 Datasheet HTML 101Page - Renesas Technology Corp RA4W1 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 98 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
2.17.2
Reception Characteristics (2 Mbps)
Note:
The characteristics are based on pins and functions other than those for the BLE interface not being in use.
Note 1.
PER ≤ 30.8%, and a 37-byte payload
Note 2.
Allowable range of difference between the center frequency for the RF input signals and the carrier frequency generated within
the chip
2.17.3
Reception Characteristics (1 Mbps)
Note:
The characteristics are based on pins and functions other than those for the BLE interface not being in use.
Note 1.
PER ≤ 30.8%, and a 37-byte payload
Note 2.
Allowable range of difference between the center frequency for the RF input signals and the carrier frequency generated within
the chip
Table 2.73
Reception Characteristics
Conditions:VCC = VCC_RF = AVCC_RF = 3.3 V, VSS = VSS_RF = 0 V, Ta = +25°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input frequency
RFRXFIN_2M
2402
—
2480
MHz
Maximum input level
RFLEVL_2M
–10
4
—
dBm
*1
Receiver sensitivity
RFSTY_2M
—–92
—
dBm
*1
Secondary emission strength RFRXSP_2M
—
–72
–57
dBm
30 MHz to 1 GHz
—
–54
–47
dBm
1 GHz to 12 GHz
Co-channel rejection ratio
RFCCR_2M
—
–8
—
dB
Prf = –67 dBm*1
Adjacent channel rejection
ratio
RFADCR_2M
—
2
—
dB
Prf = –67 dBm*1
±2 MHz
—35
—
dB
±4 MHz
—39
—
dB
±6 MHz
Blocking
RFBLK_2M
—
–1
—
dBm
Prf = –67 dBm*1
30 MHz to 2000 MHz
—
–25
—
dBm
2000 MHz to 2399 MHz
—
–21
—
dBm
2484 MHz to 3000 MHz
—
–10
—
dBm
> 3000 MHz
Allowable frequency
deviation*2
RFRXFER_2M
–120
—
120
ppm
*1
RSSI accuracy
RFRSSIS_2M
—
±4
—
dB
–70 dBm
≤ Prf ≤ –10 dBm
Table 2.74
Reception Characteristics
Conditions:VCC = VCC_RF = AVCC_RF = 3.3 V, VSS = VSS_RF = 0 V, Ta = +25°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input frequency
RFRXFIN_1M
2402
—
2480
MHz
Maximum input level
RFLEVL_1M
–10
4
—
dBm
*1
Receiver sensitivity
RFSTY_1M
—
–95
—
dBm
*1
Secondary emission strength
RFRXSP_1M
—
–72
–57
dBm
30MHz to 1GHz
—
–54
–47
dBm
1GHz to 12GHz
Co-channel rejection ratio
RFCCR_1M
—
–7
—
dB
Prf = –67dBm*1
Adjacent channel rejection ratio RFADCR_1M
—
–1
—
dB
Prf = –67dBm*1
±1MHz
—34
—
dB
±2MHz
—35
—
dB
±3MHz
Blocking
RFBLK_1M
—
0
—
dBm
Prf = –67dBm*1
30MHz to 2000MHz
—
–24
—
dBm
2000MHz to 2399MHz
—
–20
—
dBm
2484MHz to 3000MHz
—
–4
—
dBm
> 3000MHz
Allowable frequency deviation*2 RFRXFER_1M
–120
—
120
ppm
*1
RSSI accuracy
RFRSSIS_1M
—
±4
—
dB
–70dBm
≤ Prf ≤ –10dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com