Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4W1 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 59Page - Renesas Technology Corp RA4W1 Datasheet HTML 60Page - Renesas Technology Corp RA4W1 Datasheet HTML 61Page - Renesas Technology Corp RA4W1 Datasheet HTML 62Page - Renesas Technology Corp RA4W1 Datasheet HTML 63Page - Renesas Technology Corp RA4W1 Datasheet HTML 64Page - Renesas Technology Corp RA4W1 Datasheet HTML 65Page - Renesas Technology Corp RA4W1 Datasheet HTML 66Page - Renesas Technology Corp RA4W1 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 63 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
Note 1.
tPcyc: PCLKA cycle.
Note 2.
N is set as an integer from 1 to 8 by the SPCKD register.
Note 3.
N is set as an integer from 1 to 8 by the SSLND register.
Note 4.
The upper limit of RSPCK is 16 MHz.
Figure 2.50
SPI clock timing
SPI
SSL rise and fall
time
Output
2.7 V or above
tSSLr,
tSSLf
-10
ns
Figure 2.51 to
Figure 2.56
2.4 V or above
-
15
1.8 V or above
-
20
Input
-
1
µs
Slave access time
2.4 V or above
tSA
-2 × tPcyc + 100 ns
Figure 2.55 and
Figure 2.56
1.8 V or above
-
2 × tPcyc + 140
Slave output release time
2.4 V or above
tREL
-2 × tPcyc + 100 ns
1.8 V or above
-
2 × tPcyc + 140
Table 2.37
SPI timing (2 of 2)
Conditions: Middle drive output is selected in the Port Drive Capability in PmnPFS register
Parameter
Symbol
Min
Max
Unit*1
Test conditions
RSPCKn
master select
output
RSPCKn
slave select input
tSPCKWH
VOH
VOH
VOL
VOL
VOH
VOH
tSPCKWL
tSPCKr
tSPCKf
VOL
tSPcyc
tSPCKWH
VIH
VIH
VIL
VIL
VIH
VIH
tSPCKWL
tSPCKr
tSPCKf
VIL
tSPcyc
VOH = 0.7 × VCC, VOL = 0.3 × VCC, VIH = 0.7 × VCC, VIL = 0.3 × VCC
n = A or B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com