Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS280DF810ABVT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 18Page - Texas Instruments DS280DF810ABVT Datasheet HTML 19Page - Texas Instruments DS280DF810ABVT Datasheet HTML 20Page - Texas Instruments DS280DF810ABVT Datasheet HTML 21Page - Texas Instruments DS280DF810ABVT Datasheet HTML 22Page - Texas Instruments DS280DF810ABVT Datasheet HTML 23Page - Texas Instruments DS280DF810ABVT Datasheet HTML 24Page - Texas Instruments DS280DF810ABVT Datasheet HTML 25Page - Texas Instruments DS280DF810ABVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Differential
Voltage
Time [UI]
v1
v2
v3
v4
v5
v6
v7
v8
0 V
Transmitted
Bits: 0
0
1
1
1
1
0
0
0
0
1
0
1
Differential
Voltage
Time [UI]
v1
v2
v3
v4
v5
v6
v7
v8
0 V
Transmitted
Bits: 0
0
1
1
1
1
0
0
0
0
1
0
1
22
DS280DF810
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Figure 9. Conceptual FIR Waveform With Pre-Cursor Only
Figure 10. Conceptual FIR Waveform With Both Pre-Cursor and Post-Cursor
8.3.1.9.1
Setting the Output VOD, Pre-Cursor, and Post-Cursor Equalization
The output differential voltage (VOD) of the driver is controlled by manipulating the FIR tap settings. The main
cursor tap is the primary knob for amplitude adjustment. The pre and post cursor FIR tap settings can then be
adjusted to provide equalization. To maintain a constant peak-to-peak VOD, the user should adjust the main
cursor tap value relative to the pre tap or post tap changes so as to maintain a constant absolute sum of the FIR
tap values. The table below shows various settings for VOD settings ranging from 205 mVpp to 1225 mVpp
(typical). Note that the output peak-to-peak amplitude is a function of the sum of the absolute values of the taps,
whereas the low-frequency amplitude is purely a function of the main-cursor value.
Table 2. Typical VOD and FIR Values
FIR SETTINGS
PEAK-TO PEAK
VOD(V)
RPRE(dB)
RPST(dB)
PRE-CURSOR:
REG_0x3E[6:0]
MAIN-CURSOR:
REG_0x3D[6:0]
POST-CURSOR:
REG_0x3F[6:0]
0
0
0
0.205
NA
NA
0
+1
0
0.260
NA
NA
0
+2
0
0.305
NA
NA
0
+3
0
0.355
NA
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com