Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS280DF810ABVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 8Page - Texas Instruments DS280DF810ABVT Datasheet HTML 9Page - Texas Instruments DS280DF810ABVT Datasheet HTML 10Page - Texas Instruments DS280DF810ABVT Datasheet HTML 11Page - Texas Instruments DS280DF810ABVT Datasheet HTML 12Page - Texas Instruments DS280DF810ABVT Datasheet HTML 13Page - Texas Instruments DS280DF810ABVT Datasheet HTML 14Page - Texas Instruments DS280DF810ABVT Datasheet HTML 15Page - Texas Instruments DS280DF810ABVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
12
DS280DF810
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CIN
Input pin capacitance
15
pF
VOL
Low level output voltage
SDA or SDC, IOL = 1.25 mA
0.4
V
IIN
Input current
SDA or SDC, VINPUT = VIN, VDD,
GND
-15
15
μA
TR
SDA rise time, read operation
Pull-up resistor = 1 k
Ω, Cb = 50 pF
150
ns
TF
SDA fall time, read operation
Pull-up resistor = 1 k
Ω, Cb = 50 pF
4.5
ns
7.6 Timing Requirements, Retimer Jitter Specifications
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
JTJ
Output Total jitter (TJ)
Measured at 28.4 Gbps to a
probability level of 1E-15 with
PRBS9 data pattern an evaluation
board traces de-embedded.
0.24
UIpp @
1E-12
JRJ
Output Random Jitter (RJ)
Measured at 28.4 Gbps to a
probability level of 1E-15 with
PRBS9 data pattern an evaluation
board traces de-embedded
8
mUI RMS
JDCD
Output Duty Cycle Distortion (DCD)
Measured at 28.4 Gbps to a
probability level of 1E-15 with
PRBS9 data pattern an evaluation
board traces de-embedded
15
mUIpp
JTJ
Output Total jitter (TJ)
Measured at 25.78125 Gbps to a
probability level of 1E-12 with
PRBS11 data pattern an evaluation
board traces de-embedded.
0.17
UIpp @
1E-12
JRJ
Output Random Jitter (RJ)
Measured at 25.78125 Gbps to a
probability level of 1E-12 with
PRBS11 data pattern an evaluation
board traces de-embedded
6
mUI RMS
JDCD
Output Duty Cycle Distortion (DCD)
Measured at 25.78125 Gbps to a
probability level of 1E-12 with
PRBS11 data pattern an evaluation
board traces de-embedded
4
mUIpp
JPEAK
Jitter peaking
Measured at 10.3125 Gbps with
PRBS7 data pattern. Peaking
frequency in the range of 1 to 6
MHz.
0.8
dB
JPEAK
Jitter peaking
Measured at 25.78125 Gbps with
PRBS7 data pattern. Peaking
frequency in the range of 1 to 17
MHz.
0.4
dB
JPEAK
Jitter peaking
Measured at 28.4 Gbps with PRBS7
data pattern. Peaking frequency in
the range of 1 to 17 MHz.
0.4
dB
BWPLL
PLL bandwidth
Data rate of 10.3125 Gbps with
PRBS7 pattern
5
MHz
BWPLL
PLL bandwidth
Data rate of 25.78125 Gbps with
PRBS7 pattern
5.5
MHz
BWPLL
PLL bandwidth
Data rate of 28.4 Gbps with PRBS7
pattern
5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com