Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS280DF810ABVT Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 30 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 26Page - Texas Instruments DS280DF810ABVT Datasheet HTML 27Page - Texas Instruments DS280DF810ABVT Datasheet HTML 28Page - Texas Instruments DS280DF810ABVT Datasheet HTML 29Page - Texas Instruments DS280DF810ABVT Datasheet HTML 30Page - Texas Instruments DS280DF810ABVT Datasheet HTML 31Page - Texas Instruments DS280DF810ABVT Datasheet HTML 32Page - Texas Instruments DS280DF810ABVT Datasheet HTML 33Page - Texas Instruments DS280DF810ABVT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
30
DS280DF810
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
•
R: 10 k
Ω to GND
•
F: Float
•
1: 1 k
Ω to VDD
Table 6. SMBus Address Map
8-BIT WRITE ADDRESS [HEX]
REQUIRED ADDRESS PIN STRAP VALUE
ADDR1
ADDR0
0x30
0
0
0x32
0
R
0x34
0
F
0x36
0
1
0x38
R
0
0x3A
R
R
0x3C
R
F
0x3E
R
1
0x40
F
0
0x42
F
R
0x44
F
F
0x46
F
1
0x48
1
0
0x4A
1
R
0x4C
1
F
0x4E
1
1
8.5 Programming
8.5.1 Bit Fields in the Register Set
Many of the registers in the DS280DF810 are divided into bit fields. This allows a single register to serve multiple
purposes which may be unrelated. Often, configuring the DS280DF810 requires writing a bit field that makes up
only part of a register value while leaving the remainder of the register value unchanged. The procedure for
accomplishing this task is to read in the current value of the register to be written, modify only the desired bits in
this value, and write the modified value back to the register. Of course, if the entire register is to be changed,
rather than just a bit field within the register, it is not necessary to read in the current value of the register first. In
all register configuration procedures described in the following sections, this procedure should be kept in mind. In
some cases, the entire register is to be modified. When only a part of the register is to be changed, however, the
procedure described above should be used.
Each bit or field within a register has one of the following access properties:
•
R: Read-only
•
RW: Read or Write
•
RWSC: Read or Write, self-clearing
8.5.2 Writing to and Reading from the Global/Shared/Channel Registers
The DS280DF810 has 3 types of registers:
1) Global Registers – These registers can be accessed at any time and are used to select individual channel
registers, the shared registers or to read back the TI ID and version information.
2) Shared Registers – These registers are used for device-level configuration, status read back or control.
3) Channel Registers – These registers are used to control and configure specific features for each individual
channel. All channels have the same channel register set and can be configured independent of each other.
The global registers can be accessed at any time, regardless of whether the shared or channel register set is
selected. The DS280DF810 global registers are located on addresses 0xEF-0xFF. The function of the global
registers falls into the following categories:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com