Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS280DF810ABVT Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 40 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 36Page - Texas Instruments DS280DF810ABVT Datasheet HTML 37Page - Texas Instruments DS280DF810ABVT Datasheet HTML 38Page - Texas Instruments DS280DF810ABVT Datasheet HTML 39Page - Texas Instruments DS280DF810ABVT Datasheet HTML 40Page - Texas Instruments DS280DF810ABVT Datasheet HTML 41Page - Texas Instruments DS280DF810ABVT Datasheet HTML 42Page - Texas Instruments DS280DF810ABVT Datasheet HTML 43Page - Texas Instruments DS280DF810ABVT Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
40
DS280DF810
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
7. Make provisions in the schematic and layout for a 25 MHz (±100 ppm) single-ended CMOS clock. Each
DS280DF810 retimer buffers the clock on the CAL_CLK_IN pin and presents the buffered clock on the
CAL_CLK_OUT pin. This allows multiple (up to 20) retimers’ calibration clocks to be daisy chained to avoid
the need for multiple oscillators on the board. If the oscillator used on the board has a 2.5 V CMOS output,
then no AC coupling capacitor or resistor ladder is required at the input to CAL_CLK_IN. No AC coupling or
resistor ladder is needed between one retimer’s CAL_CLK_OUT output and the next retimer’s CAL_CLK_IN
input. The final retimer’s CAL_CLK_OUT output can be left floating.
8. Connect the INT_N open-drain output to an FPGA or CPU if interrupt monitoring is desired. Note that
multiple retimers’ INT_N outputs can be connected together since this is an open-drain output. The common
INT_N net should be pulled high.
9. If the application requires initial CDR lock acquisition at the ambient temperature extremes defined in Timing
Requirements, Retimer Jitter Specifications, care should be taken to ensure the operating junction
temperature is met as well as the CDR stay-in-lock ambient temperature range defined in Timing
Requirements, Retimer Jitter Specifications. For example, if initial CDR lock acquisition occurs at an ambient
temperature of 85 ºC, then maintaining CDR lock would require the ambient temperature surrounding the
DS280DF810 to be kept above (85 ºC - TEMPLOCK-).
9.2.3 Application Curves
Figure 20. DS280DF810 Operating at 25.78125 Gbps
Figure 21. DS280DF810 FIR Transmit Equalization while
Operating at 25.78125 Gbps
Figure 20 shows a typical output eye diagram for the DS280DF810 operating at 25.78125 Gbps with PRBS9
pattern using FIR main-cursor of +18, pre-cursor of -1 and post-cursor of +2. All other device settings are left at
default.
Figure 21 shows an example of DS280DF810 FIR transmit equalization while operating at 25.78125 Gbps. In this
example, the Tx FIR filter main-cursor is set to +15, post-cursor to -3 and pre-cursor to -3. An 8T pattern is used
to evaluate the FIR filter, which consists of 0xFF00. All other device settings are left at default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com