Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS280DF810ABVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 6Page - Texas Instruments DS280DF810ABVT Datasheet HTML 7Page - Texas Instruments DS280DF810ABVT Datasheet HTML 8Page - Texas Instruments DS280DF810ABVT Datasheet HTML 9Page - Texas Instruments DS280DF810ABVT Datasheet HTML 10Page - Texas Instruments DS280DF810ABVT Datasheet HTML 11Page - Texas Instruments DS280DF810ABVT Datasheet HTML 12Page - Texas Instruments DS280DF810ABVT Datasheet HTML 13Page - Texas Instruments DS280DF810ABVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
10
DS280DF810
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Itotal
Active mode total device supply
current consumption
With CTLE, full DFE, Tx FIR, Driver,
and Cross-point enabled.
1036
1330
mA
With CTLE, full DFE, Tx FIR, and
Driver enabled; Cross-point
disabled.
1010
mA
With CTLE, partial DFE (taps 1-2
only), Tx FIR, and Driver enabled;
Cross-point and DFE taps 3-5
disabled.
970
mA
With CTLE, Tx FIR, Driver, and
Cross-point enabled. DFE disabled.
940
1278
mA
Istatic_total
Idle mode total device supply current
consumption
Idle or static mode. Power supplied,
no high-speed data present at
inputs, all channels automatically
powered down.
263
400
mA
LVCMOS DC SPECIFICATIONS
VIH
Input high level voltage
2.5 V LVCMOS pins
1.75
VDD
V
3.3 V LVCMOS pin (READ_EN_N)
1.75
3.6
V
VIL
Input low level voltage
2.5 V LVCMOS pins
GND
0.7
V
3.3 V LVCMOS pin (READ_EN_N)
GND
0.8
V
VTH
High level (1) input voltage
4-level pins ADDR0, ADDR1, and
EN_SMB
0.95 *
VDD
V
Float level input voltage
4-level pins ADDR0, ADDR1, and
EN_SMB
0.67 *
VDD
V
10 K to GND input voltage
4-level pins ADDR0, ADDR1, and
EN_SMB
0.33 *
VDD
V
Low level (0) input voltage
4-level pins ADDR0, ADDR1, and
EN_SMB
0.1
V
VOH
High level output voltage
IOH = 4 mA
2
V
VOL
Low level output voltage
IOL = -4 mA
0.4
V
IIH
Input high leakage current
Vinput = VDD, Open drain pins
70
μA
IIH
Input high leakage current
Vinput = VDD and CAL_CLK_IN pin
65
μA
IIH
Input high leakage current
Vinput = VDD, ADDR[1:0] and
EN_SMB pins
120
μA
IIH
Input high leakage current
Vinput = VDD, READ_EN_N
75
μA
IIL
Input low leakage current
Vinput = 0 V, Open drain pins
-15
μA
IIL
Input low leakage current
Vinput = 0 V, CAL_CLK_IN pins
-45
μA
IIL
Input low leakage current
Vinput = 0 V, ADDR[1:0],
READ_EN_N, and EN_SMB pins
-230
μA
RECEIVER INPUTS (RXnP, RXnN)
VIDMax
Maximum input differential voltage
For normal operation
1225
mVppd
RLSDD11
Differential input return loss, SDD11
Between 50 MHz and 3.69 GHz
<-16
dB
RLSDD11
Differential input return loss, SDD11
Between 3.69 GHz and 12.9 GHz
<-12
dB
RLSDC11
Differential to common-mode input
return loss, SDC11
Between 50 MHz and 12.9 GHz
<-23
dB
RLSCD11
Differential to common-mode input
return loss, SCD11
Between 50 MHz and 12.9 GHz
<-24
dB
RLSCC11
Common-mode input return loss,
SCC11
Between 150 MHz and 10 GHz
<-10
dB
RLSCC11
Common-mode input return loss,
SCC11
Between 10 GHz and 12.9 GHz
<-10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com