Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS280DF810ABVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 4 Page - Texas Instruments

  DS280DF810ABVT Datasheet HTML 1Page - Texas Instruments DS280DF810ABVT Datasheet HTML 2Page - Texas Instruments DS280DF810ABVT Datasheet HTML 3Page - Texas Instruments DS280DF810ABVT Datasheet HTML 4Page - Texas Instruments DS280DF810ABVT Datasheet HTML 5Page - Texas Instruments DS280DF810ABVT Datasheet HTML 6Page - Texas Instruments DS280DF810ABVT Datasheet HTML 7Page - Texas Instruments DS280DF810ABVT Datasheet HTML 8Page - Texas Instruments DS280DF810ABVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
J
GND
GND
TX1N
GND
TX2N
GND
TX3N
GND
TX4N
GND
TX5N
GND
TX6N
GND
GND
J
Control/Status
H
TX0N
GND
TX1P
GND
TX2P
GND
TX3P
GND
TX4P
GND
TX5P
GND
TX6P
GND
TX7N
H
High-Speed
G
TX0P
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
TX7P
G
Ground
F
GND
GND
READ_E
N_N
SDC
GND
VDD
GND
VDD
GND
VDD
GND
TEST4
INT_N
GND
GND
F
Power
E
CAL_
CLK_
OUT
TEST1
ADDR1
SDA
GND
VDD
VDD
VDD
VDD
VDD
VDD
TEST5
EN_
SMB
TEST0
CAL_
CLK_IN
E
TI test pins /
Reserved
D
GND
GND
ADDR0
TEST7
GND
VDD
GND
VDD
GND
VDD
GND
TEST6
ALL_
DONE_
N
GND
GND
D
C
RX0P
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
RX7P
C
B
RX0N
GND
RX1P
GND
RX2P
GND
RX3P
GND
RX4P
GND
RX5P
GND
RX6P
GND
RX7N
B
A
GND
GND
RX1N
GND
RX2N
GND
RX3N
GND
RX4N
GND
RX5N
GND
RX6N
GND
GND
A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Legend
4
DS280DF810
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
6 Pin Configuration and Functions
135-pin fcBGA, 0.8 mm BGA pin pitch
Top View
Pin Functions
PIN
TYPE
INTERNAL
PULL-UP/
PULL-DOWN
DESCRIPTION
NAME
NO.
HIGH SPEED DIFFERENTIAL I/Os
RX0P
C15
Input
None
Inverting and non-inverting differential inputs to the equalizer. An
on-chip 100-Ω termination resistor connects RXP to RXN. These
inputs are AC coupled on-chip with physical 220 nF capacitors.
RX0N
B15
Input
None
RX1P
B13
Input
None
Inverting and non-inverting differential inputs to the equalizer. An
on-chip 100-Ω termination resistor connects RXP to RXN. These
inputs are AC coupled on-chip with physical 220 nF capacitors.
RX1N
A13
Input
None
RX2P
B11
Input
None
Inverting and non-inverting differential inputs to the equalizer. An
on-chip 100-Ω termination resistor connects RXP to RXN. These
inputs are AC coupled on-chip with physical 220 nF capacitors.
RX2N
A11
Input
None
RX3P
B9
Input
None
Inverting and non-inverting differential inputs to the equalizer. An
on-chip 100-Ω termination resistor connects RXP to RXN. These
inputs are AC coupled on-chip with physical 220 nF capacitors.
RX3N
A9
Input
None
RX4P
B7
Input
None
Inverting and non-inverting differential inputs to the equalizer. An
on-chip 100-Ω termination resistor connects RXP to RXN. These
inputs are AC coupled on-chip with physical 220 nF capacitors.
RX4N
A7
Input
None
RX5P
B5
Input
None
Inverting and non-inverting differential inputs to the equalizer. An
on-chip 100-Ω termination resistor connects RXP to RXN. These
inputs are AC coupled on-chip with physical 220 nF capacitors.
RX5N
A5
Input
None
RX6P
B3
Input
None
Inverting and non-inverting differential inputs to the equalizer. An
on-chip 100-Ω termination resistor connects RXP to RXN. These
inputs are AC coupled on-chip with physical 220 nF capacitors.
RX6N
A3
Input
None
RX7P
C1
Input
None
Inverting and non-inverting differential inputs to the equalizer. An
on-chip 100-Ω termination resistor connects RXP to RXN. These
inputs are AC coupled on-chip with physical 220 nF capacitors.
RX7N
B1
Input
None
TX0P
G15
Output
None
Inverting and non-inverting 50
Ω driver outputs. These outputs are
AC coupled on-chip with physical 220 nF capacitors.
TX0N
H15
Output
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com