Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R200 Datasheet(PDF) 16 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 16 Page - Intel Corporation

Back Button R200 Datasheet HTML 12Page - Intel Corporation R200 Datasheet HTML 13Page - Intel Corporation R200 Datasheet HTML 14Page - Intel Corporation R200 Datasheet HTML 15Page - Intel Corporation R200 Datasheet HTML 16Page - Intel Corporation R200 Datasheet HTML 17Page - Intel Corporation R200 Datasheet HTML 18Page - Intel Corporation R200 Datasheet HTML 19Page - Intel Corporation R200 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Component Specification
16
334616-001
Parameter
Infrared Cameras
Diagonal Field of View
70o+/-4.5o
3.2
Infrared Light Projection
The infrared projector improves the ability of the stereo imaging system to determine
depth by projecting a static infrared pattern on the scene to increase texture on low
texture scenes. The projector contains a laser diode. The module is rated at class 1
level in normal operation. Do not modify or adjust the infrared projector or related
circuitry. The laser diode can reach harmful 3B levels when exposed.
Figure 3-1. Infrared Projector
Table 3-3. Infrared Projector Parameters
Parameter
Laser Projector
Projector
Static Infrared Pattern
Illuminating Component
Infrared Laser Diode
Laser Wavelength
859nm Nominal
R200 Laser Compliance
Class 1,
IEC 60825-1:2007 Edition 2
Vertical Field of Projection
60o +/-5o
Horizontal Field of Projection
60o +/-5o
Diagonal Field of Projection
80o +/-5o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com