Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R200 Datasheet(PDF) 33 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 33 Page - Intel Corporation

Back Button R200 Datasheet HTML 29Page - Intel Corporation R200 Datasheet HTML 30Page - Intel Corporation R200 Datasheet HTML 31Page - Intel Corporation R200 Datasheet HTML 32Page - Intel Corporation R200 Datasheet HTML 33Page - Intel Corporation R200 Datasheet HTML 34Page - Intel Corporation R200 Datasheet HTML 35Page - Intel Corporation R200 Datasheet HTML 36Page - Intel Corporation R200 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
System Integration
334616-001
33
Figure 7-9. System Component Placement
7.9.1
Thermal Limits
Table 7-2. Component Case Temperature Limits
Component
Case Temperature
Limit
ΔT Junction to
Case
Junction Temperature
(Est.)
R200 Color Camera
Sensor
61oC
9oC
70oC
IR Camera Sensor
62oC
8oC
70oC
Laser Projector
†
-
75°C
R200 ASIC
95oC
-
-
NOTE: † Laser projector temperature should be monitored through the R200’s embedded
thermal sensor. Refer to the following section for more details.
It is not possible to directly measure junction temperature of the module components.
Because of this, Intel recommends taking measurements with thermal probes at the
locations identified in Figure 7-10. The measurements can be correlated with the
thermal model to estimate component junction temperatures.
Figure 7-10. Module Thermal Probe Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com