Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R200 Datasheet(PDF) 36 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 36 Page - Intel Corporation

Back Button R200 Datasheet HTML 32Page - Intel Corporation R200 Datasheet HTML 33Page - Intel Corporation R200 Datasheet HTML 34Page - Intel Corporation R200 Datasheet HTML 35Page - Intel Corporation R200 Datasheet HTML 36Page - Intel Corporation R200 Datasheet HTML 37Page - Intel Corporation R200 Datasheet HTML 38Page - Intel Corporation R200 Datasheet HTML 39Page - Intel Corporation R200 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
System Integration
36
334616-001
Figure 7-14. Module Mounting Rear Cover
Table 7-5. Copper Foil Recommendation
Detail
Notes
Material
Copper
Thickness
0.2mm
Width
110mm (entire back side of module)
Min Overlap with Module
9.5mm
Table 7-6. Heat Spreader Recommendation
Detail
Notes
Material
Graphite
Thickness
0.2mm
Minimum Surface Area
260x80mm^2
Min Overlap With Copper Foil
10mm
7.10
Motherboard Routing Considerations
The imaging module requires a dedicated XHCI USB3 port. A USB hub must not be
implemented between the imaging module and XHCI USB3 port to ensure highest
possible bandwidth. The routing topology is specific to the platform. If the platform
the R200 is being integrated is not listed below, please contact your Intel
representative for support details.
Adhesive
Camera
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com