Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R200 Datasheet(PDF) 45 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 45 Page - Intel Corporation

Back Button R200 Datasheet HTML 41Page - Intel Corporation R200 Datasheet HTML 42Page - Intel Corporation R200 Datasheet HTML 43Page - Intel Corporation R200 Datasheet HTML 44Page - Intel Corporation R200 Datasheet HTML 45Page - Intel Corporation R200 Datasheet HTML 46Page - Intel Corporation R200 Datasheet HTML 47Page - Intel Corporation R200 Datasheet HTML 48Page - Intel Corporation R200 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
Regulatory Compliance R200
334616-001
45
11
Regulatory Compliance R200
System integrators should refer to their respective regulatory and
compliance owner to finalize regulatory requirements for a specific
geography.
This device complies with International Standard EN/IEC 60825-1:2007 edition 2 for a
Class 1 laser product. This device also complies with US FDA performance standards
for laser products except for deviations pursuant to Laser notice No. 50, dated June
24, 2007.
CLASS 1 LASER PRODUCT
CLASSIFIED EN/IEC 60825-1 2014 (EU & other)
CLASSIFIED IEC 60825-1 2007 (US)
This device complies with US FDA performance standards for laser products
except for deviations pursuant to Laser Notice No. 50 dated June 24, 2007.
Caution--use of controls or adjustments or performance of procedures other than
those specified herein may result in hazardous radiation exposure.
Manufactured by Intel Corporation
2200 Mission College Blvd., Santa Clara, CA 95054
Model Number: Rear R200
U.S. FDA accession number is 1420260-000 and the peripheral version is 1420260-
001.
This number should be entered into Box B.1 of the Food and Drug Administration
(FDA) 2877 Declaration for Imported Electronic Products Subject to Radiation Control
Standards.
The camera module certification is transferable to the system and no system
recertification is required. However, the following statements and labels must be
included in the user manual of the system product.
This product is classified as Class 1 under the IEC 60825-1 edition 2, 2007 in the US
and is classified as Class 1 under the EN/IEC60825-1 edition 3, 2014 in the EU and
other countries, at the time of publication. This device also complies with US FDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com