Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R200 Datasheet(PDF) 20 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 20 Page - Intel Corporation

Back Button R200 Datasheet HTML 16Page - Intel Corporation R200 Datasheet HTML 17Page - Intel Corporation R200 Datasheet HTML 18Page - Intel Corporation R200 Datasheet HTML 19Page - Intel Corporation R200 Datasheet HTML 20Page - Intel Corporation R200 Datasheet HTML 21Page - Intel Corporation R200 Datasheet HTML 22Page - Intel Corporation R200 Datasheet HTML 23Page - Intel Corporation R200 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Functional Specification
20
334616-001
Format
Description
Resolution
Frame
Rates
LY12_2_1
12 bits left, 2 pixels packed into 1 32
bit words
640x480, 492x372,
332x252
30, 60
RY8LY8_2_1
8 bits right, 8 bits left, 2 pixels packed
into 1 32 bit words
640x480, 492x372,
332x252
30, 60
Table 4-2. Supported Color Camera Video Stream Formats and Modes
Format
Description
Resolution
Frame Rates
Raw10
Bayer image pattern
1920x1080
30
YUY2
1920x1080
30
YUY2
640x480
15,30,60
Table 4-3. Supported Depth Video Stream Formats and Modes
Format
Description
Resolution
Frame
Rates
Z16_2_1
16 bits, 2 pixels packed into 1 32 bit
word
628x468, 480x360,
320x240
30, 60
Note: The modes listed above are hardware supported modes and may not be visible to
applications.
All frame rates are expressed as nominal. Effective frame rates can vary
depending on the exposure settings of the camera. Camera settings that
increase the exposure time can decrease the effective frame rate.
§ §



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com